Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 380 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 380 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 376Page - National Semiconductor (TI) PC87591L Datasheet HTML 377Page - National Semiconductor (TI) PC87591L Datasheet HTML 378Page - National Semiconductor (TI) PC87591L Datasheet HTML 379Page - National Semiconductor (TI) PC87591L Datasheet HTML 380Page - National Semiconductor (TI) PC87591L Datasheet HTML 381Page - National Semiconductor (TI) PC87591L Datasheet HTML 382Page - National Semiconductor (TI) PC87591L Datasheet HTML 383Page - National Semiconductor (TI) PC87591L Datasheet HTML 384Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 437 page
background image
7.0 Device Specifications (Continued)
www.national.com
380
Revision 1.07
Temperature Measurement
7.4.2
ACM Characteristics
Parameter
Symbol
Conditions1
1. All parameters specified for 0
°C ≤ T
A ≤ 70°C and AVCC= 3.3V ± 5% unless otherwise specified.
Min
Typ
Max
Unit
Resolution
RESB
8
Bit
RESC
1
oC
Accuracy Using Remote Diode2
2. See “Remote Diode Selection” on page 187.
RAC1
TA = +40°C to +100°C
±3
oC
RAC2
TA = −40°C to +125°C
±5
oC
Accuracy Using Local Diode
LAC1
TA = +40°C to +100°C
±1
oC
LAC2
TA = −40°C to +125°C
±3
oC
Voltage at DN
VDN
8
µA ≤ I
D ≤ 120 µA
0.7
V
DP Source Current
IDPH
High Level
80
120
µA
IDPL
Low Level
8
12
µA
Temperature Input Capacitance
CTIN
TBD
pF
ADC Clock Frequency
FCLK
0.5
MHz
ADC Enable Delay3
3. Time from the moment when ADCEN=1 in ADCCNF register until the beginning of the “ADC cycle”.
tEND
100
µs
Temperature Conversion Duration
tTC
42
ms
Parameter
Symbol
Conditions1
1. All parameters specified for 0
°C ≤ T
A ≤ 70°C and VCC= 3.3V ± 10% unless otherwise specified.
Min
Typ
Max
Unit
Resolution
RES
6
Bit
Differential Non-linearity Error2
2. The maximum difference between an ideal step size (1 LSB) and any actual step size.
DNL
0
≤ V
IN ≤ VCC
±0.53
3. No missing codes.
LSB
Accuracy (Total unadjusted error)
ACU
0
≤ V
IN ≤ VCC
±1.5
LSB
Input Voltage Range
VIN
0VCC
V
Analog Input Leakage Current
IAL
0
≤ V
IN ≤ VCC
±1
µA
Analog Input Capacitance
CAIN
TBD
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com