Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 51 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 51 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 47Page - ON Semiconductor AR0141CS Datasheet HTML 48Page - ON Semiconductor AR0141CS Datasheet HTML 49Page - ON Semiconductor AR0141CS Datasheet HTML 50Page - ON Semiconductor AR0141CS Datasheet HTML 51Page - ON Semiconductor AR0141CS Datasheet HTML 52Page - ON Semiconductor AR0141CS Datasheet HTML 53Page - ON Semiconductor AR0141CS Datasheet HTML 54Page - ON Semiconductor AR0141CS Datasheet HTML 55Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
51
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Electrical Specifications
Note:
Slew rate setting = 2 for PIXCLK
Slew rate setting = 2 for parallel ports
Table 19:
I/O Timing Characteristics (2.8V VDD_IO)
Conditions: fPIXCLK=37.125 MHz (720P30fps; VDD_IO = 2.8V
Symbol
Definition
Condition
Min
Typ
Max
Unit
fEXTCLK1
Input clock frequency
PLL enabled
6
–
50
MHz
tEXTCLK1
Input clock period
PLL enabled
20
–
166
ns
tR
Input clock rise time
–
3
–
ns
tF
Input clock fall time
–
3
–
ns
tRR
PIXCLK rise time
PCLK slew rate setting= 2
2.0
3.5
6.4
ns
tFP
PIXCLK fall time
PCLK slew rate setting= 2
1.9
3.3
6.2
ns
Clock duty cycle
45
50
55
%
tJITTER2
Input clock jitter at 27 MHz
–
–
600
ps
fPIXCLK
PIXCLK frequency
default PLL configuration
6
37.125
74.25
MHz
tPD
PIXCLK to Data[11:0]
PCLK slew rate setting=2
parallel slew rate setting= 4
-2.0
–
5.9
ns
tPFH
PIXCLK to FV high
PCLK slew rate setting=2
parallel slew rate setting=2
-0.9
–
4.4
ns
tPLH
PIXCLK to LV high
PCLK slew rate setting=2
parallel slew rate setting=2
-0.8
–
4.6
ns
tPFL
PIXCLK to FV low
PCLK slew rate setting=2
parallel slew rate setting=2
-1.5
–
3.1
ns
tPLL
PIXCLK to FV low
PCLK slew rate setting=2
parallel slew rate setting=2
-1.5
–
3.3
ns
CLOAD
Output load capacitance
–
30
–
pF
CIN
Input pin capacitance
–
2.5
–
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com