Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 16 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 12Page - ON Semiconductor AR0141CS Datasheet HTML 13Page - ON Semiconductor AR0141CS Datasheet HTML 14Page - ON Semiconductor AR0141CS Datasheet HTML 15Page - ON Semiconductor AR0141CS Datasheet HTML 16Page - ON Semiconductor AR0141CS Datasheet HTML 17Page - ON Semiconductor AR0141CS Datasheet HTML 18Page - ON Semiconductor AR0141CS Datasheet HTML 19Page - ON Semiconductor AR0141CS Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
16
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Pixel Sensitivity
Serial Configuration
The serial format should be configured using R0x31AC. Refer to the AR0141CS Register
Reference document for more detail regarding this register.
The serial_format register (R0x31AE) controls which serial format is in use when the
serial interface is enabled (reset_register[12] = 0). The following serial formats are
supported:
• 0x0304 - Sensor supports quad-lane HiSPi operation
• 0x0302 - Sensor supports dual-lane HiSPi operation
Pixel Sensitivity
Figure 14:
Integration Control in ERS Readout
A pixel's integration time is defined by the number of clock periods between a row's
reset and read operation. Both the read followed by the reset operations occur within a
row period (TROW) where the read and reset may be applied to different rows. The read
and reset operations will be applied to the rows of the pixel array in a consecutive order.
The coarse integration time is defined by the number of row periods (TROW) between a
row's reset and the row read. The row period is defined as the time between row read
operations (see Sensor Frame Rate).
TCOARSE = TROW * coarse_integration_time
(EQ 1)
Figure 15:
Example of 8.33ms Integration in 16.6ms Frame
Row Integration
(T
INTEGRATION)
Row Reset
(Start of Integration)
Row Readout
Vertical Blanking
Read
Reset
Vertical Blanking
T
FRAME = frame_length_lines x TROW
16.6 ms = 750 rows x 22.22
μs/row
T
COARSE = coarse_integration_time x TROW
8.33 ms =563 rows x 22.22
μs/row
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com