| Electronic Components Datasheet Search |
|
AR0141CS Datasheet(PDF) 23 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0141CS Datasheet(HTML) 23 Page - ON Semiconductor |
|
23 / 64 page ![]() AR0141CS/D Rev. 6, 4/16 EN 23 ©Semiconductor Components Industries, LLC, 2016. AR0141CS: 1/4-Inch Digital Image Sensor Sensor Readout Sensor Readout Image Acquisition Modes The AR0141CS supports two image acquisition modes: • Electronic rolling shutter (ERS) mode This is the normal mode of operation. When the AR0141CS is streaming, it generates frames at a fixed rate, and each frame is integrated (exposed) using the ERS. When the ERS is in use, timing and control logic within the sensor sequences through the rows of the array, resetting and then reading each row in turn. In the time interval between resetting a row and subsequently reading that row, the pixels in the row integrate inci- dent light. The integration (exposure) time is controlled by varying the time between row reset and row readout. For each row in a frame, the time between row reset and row readout is the same, leading to a uniform integration time across the frame. When the integration time is changed (by using the two-wire serial interface to change regis- ter settings), the timing and control logic controls the transition from old to new inte- gration time in such a way that the stream of output frames from the AR0141CS switches cleanly from the old integration time to the new while only generating frames with uniform integration. See “Changes to Integration Time” in the AR0141CS Register Reference. • Global reset mode This mode can be used to acquire a single image at the current resolution. In this mode, the end point of the pixel integration time is controlled by an external electro- mechanical shutter, and the AR0141CS provides control signals to interface to that shutter. The benefit of using an external electromechanical shutter is that it eliminates the visual artifacts associated with ERS operation. Visual artifacts arise in ERS operation, particu- larly at low frame rates, because an ERS image effectively integrates each row of the pixel array at a different point in time. Window Control The sequencing of the pixel array is controlled by the x_addr_start, y_addr_start, x_ad- dr_end, and y_addr_end registers. Readout Modes Horizontal Mirror When the horiz_mirror bit (R0x3040[14]) is set in the read_mode register, the order of pixel readout within a row is reversed, so that readout starts from x_addr_end + 1 and ends at x_addr_start. Figure 21 on page 24 shows a sequence of 6 pixels being read out with R0x3040[14] = 0 and R0x3040[14] = 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |