Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 28 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 24Page - ON Semiconductor AR0141CS Datasheet HTML 25Page - ON Semiconductor AR0141CS Datasheet HTML 26Page - ON Semiconductor AR0141CS Datasheet HTML 27Page - ON Semiconductor AR0141CS Datasheet HTML 28Page - ON Semiconductor AR0141CS Datasheet HTML 29Page - ON Semiconductor AR0141CS Datasheet HTML 30Page - ON Semiconductor AR0141CS Datasheet HTML 31Page - ON Semiconductor AR0141CS Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
28
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Slave Mode
Row Period (TROW)
line_length_pck will determine the number of clock periods per row and the row period
(TROW) when combined with the sensor readout clock. line_length_pck includes both
the active pixels and the horizontal blanking time per row. The sensor utilizes two
readout paths, as seen in Figure 1 on page 4, allowing the sensor to output two pixels
during each pixel clock.
Row Periods Per Frame
frame_length_lines determines the number of row periods (TROW) per frame. This
includes both the active and blanking rows. The minimum vertical blanking value is
defined by the number of OB rows read per frame, two embedded data rows, and two
blank rows.
(EQ 8)
The sensor is configured to output frame information in two embedded data rows by
setting R0x3064[8] to 1 (default). If R0x3064[8] is set to 0, the sensor will instead output
two blank rows. The data configured in the two embedded rows is defined in two
embedded rows of data at the top of the frame by setting R0x3064[7] and two rows of
embedded statistics at the end of the frame by setting R0x3064[7] for exposure calcula-
tions. See the section on Embedded Data and Statistics.
The locations of the OB rows, embedded rows, and blank rows within the frame readout
are identified in Figure 26: “Slave Mode Active State and Vertical Blanking,” on page 29.
Slave Mode
The slave mode feature of the AR0141CS supports triggering the start of a frame readout
from a VD signal that is supplied from an external device. The slave mode signal allows
for precise control of frame rate and register change updates. The VD signal is an edge
triggered input to the trigger pin and must be at least 3 PIXCLK cycles wide.
Table 13:
Minimum Vertical Blanking Configuration
R0x3180[7:4]
OB Rows
min_vertical_blanking1
0x8 (Default)
8 OB Rows
8 OB + 8 = 16
0x4
4 OB Rows
4 OB + 8 = 12
0x2
2 OB Rows
2 OB + 8 = 10
Minimum frame_length_lines
y_addr_end y_addr_start
–1
+
y_odd_inc
1
+
 2
---------------------------------------------------------------------------
min_vertical_blanking
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com