Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 55 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 55 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 51Page - ON Semiconductor AR0141CS Datasheet HTML 52Page - ON Semiconductor AR0141CS Datasheet HTML 53Page - ON Semiconductor AR0141CS Datasheet HTML 54Page - ON Semiconductor AR0141CS Datasheet HTML 55Page - ON Semiconductor AR0141CS Datasheet HTML 56Page - ON Semiconductor AR0141CS Datasheet HTML 57Page - ON Semiconductor AR0141CS Datasheet HTML 58Page - ON Semiconductor AR0141CS Datasheet HTML 59Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
55
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Electrical Specifications
Note:
Operating currents are measured at the following conditions:
VAA = VAA_PIX = VDD_PLL = 2.8V
VDD = VDD_IO = 1.8V; CLOAD = 68pF
PLL Enabled and PIXCLK = 74.25 MHz
1x analog gain, 0.36 ms integration time, 60 fps, dark conditions
TJ = 25°C
Note:
VAA = VAA_PIX = VDD_PLL = 2.8V
VDD = VDD_IO = 1.8V
VDD_SLVS=1.8V for HiVCM and =0.4V for SLVS
PLL Enabled and PIXCLK = 74.25 MHz
1x analog gain, 0.36 ms integration time, 60 fps, dark conditions
TJ = 25°C
Notes:
1. Analog = VAA + VAA_PIX + VDD_PLL
2. Digital = VDD_IO + VDD_SLVS
Table 27:
Operating Current Consumption in Parallel Output and Linear Mode
Definition
Condition
Symbol
Min
Typ
Max
Unit
Digital operating current
Streaming,1280x720 60 fps
IDD1
–
137
160
mA
I/O digital operating current
Streaming,1280x720 60 fps
IDD_IO
–
15
25
mA
Analog operating current
Streaming,1280x720 60 fps
IAA
–20
30
mA
Pixel supply current
Streaming,1280x720 60 fps
IAA_PIX
–
1.5
3
mA
PLL supply current
Streaming,1280x720 60 fps
IDD_PLL
–
4
8
mA
Table 28:
Operating Currents in HiSPi Output and Linear Mode
Definition
Condition
Symbol
Min
Typ
Max
Unit
Digital Operating Current
Streaming,1280x720 60 fps
IDD
–147
170
mA
Analog operating current
Streaming,1280x720 60 fps
IAA
–20
30
mA
Pixel Supply Current
Streaming,1280x720 60 fps
IAA_PIX
–
1.5
3
mA
PLL Supply Current
Streaming,1280x720 60 fps
IDD_PLL
–
5
9
mA
SLVS Supply Current
Streaming,1280x720 60 fps
IDD_SLVS
–
8
15
mA
HiVCM Supply Current
Streaming,1280x720 60 fps
IDD
–22
25
mA
Table 29:
Standby Current Consumption
Definition
Condition
Symbol
Min
Typ
Max
Unit
Soft standby (clock off)
Analog, 2.8V
-
–
0
0.1
mA
Digital, 1.8V
-
–
0.1
0.25
mA
Soft standby (clock on)
Analog, 2.8V
-
–
0.01
0.2
mA
Digital, 1.8V
-
–
26
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com