Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 60 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 60 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 56Page - ON Semiconductor AR0141CS Datasheet HTML 57Page - ON Semiconductor AR0141CS Datasheet HTML 58Page - ON Semiconductor AR0141CS Datasheet HTML 59Page - ON Semiconductor AR0141CS Datasheet HTML 60Page - ON Semiconductor AR0141CS Datasheet HTML 61Page - ON Semiconductor AR0141CS Datasheet HTML 62Page - ON Semiconductor AR0141CS Datasheet HTML 63Page - ON Semiconductor AR0141CS Datasheet HTML 64Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
60
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Electrical Specifications
Figure 49:
Power Up
Notes:
1. Xtal settling time is component-dependent, usually taking about 10 – 100 ms.
2. Hard reset time is the minimum time required after power rails are settled. In a circuit where Hard
reset is held down by RC circuit, then the RC time must include the all power rail settle time and
Xtal settle time.
3. It is critical that VDD_PLL is not powered up after the other power supplies. It must be powered
before or at least at the same time as the others. If the case happens that VDD_PLL is powered after
other supplies then sensor may have functionality issues and will experience high current draw on
this supply.
Table 36:
Power-Up Sequence
Definition
Symbol
Minimum
Typical
Maximum
Unit
VDD_PLL to VAA/VAA_PIX3
t0
0
100
–
s
VAA/VAA_PIX to VDD_IO
t1
0
100
–
s
VDD_IO to VDD
t2
0
100
–
s
VDD to VDD_SLVS
t3
0
100
–
s
Xtal settle time
tx
–
301
–ms
Hard Reset
t4
12
––
ms
Internal Initialization
t5
1800
–
–
EXTCLK
OTPM loading
t6
185135
–
–
EXTCLK
PLL Lock Time
t7
1
–
–
ms
VDD_P LL (2.8)
VAA_P IX
VAA(2.8)
t0
VDD_IO(1.8/2.8)
t1
VDD(1.8)
VDD_S LV S (0.4)
t2
t3
EXT C LK
R E SET _BAR
t4
tx
Hard
reset
Internal
initialization
Softw are
Standby
R0 x304 A
=0x0010
OT P M
loading
Initialization
S etting
loading
Stream ing
PLL
Lock
t5
t6
t7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com