Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 18 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 14Page - ON Semiconductor AR0141CS Datasheet HTML 15Page - ON Semiconductor AR0141CS Datasheet HTML 16Page - ON Semiconductor AR0141CS Datasheet HTML 17Page - ON Semiconductor AR0141CS Datasheet HTML 18Page - ON Semiconductor AR0141CS Datasheet HTML 19Page - ON Semiconductor AR0141CS Datasheet HTML 20Page - ON Semiconductor AR0141CS Datasheet HTML 21Page - ON Semiconductor AR0141CS Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
18
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Gain Stages
Gain Stages
The sensor analog gain stage will apply the same analog gain to each color channel.
Digital gain can be configured to separate levels for each color channel.
The level of analog gain applied is controlled by the coarse_gain and fine_gain at
R0x3060 analog gain register. The analog readout circuitry can be configured differently
for each analog gain level. Total analog gain is (2coarse_gain) x(1+fine_gain/16), where
coarse_gain = R0x3060[6:4], fine_gain = R0x3060[3:0]. ON Semiconductor recommends
limiting maximum analog gain up to 12x gain for optimal image quality.
Each digital gain can be configured from a gain of 0 to 15.992 using R0x3056, R0x3058,
R0x305A, R0x305C, and R0x305E digital gain registers. The digital gain supports 128 gain
steps per 6dB of gain. The format of each digital gain register is “xxxx.yyyyyyy” where
“xxxx” refers an integer gain of 1 to 15 and “yyyyyyy” is a fractional gain ranging from 0/
128 to 127/128.
The sensor includes a digital dithering feature to reduce quantization noise resulting
from using digital gain. It can be implemented by setting R0x30BA[5] to 1. The default
value is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com