Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 12 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 12 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 8Page - ON Semiconductor AR0141CS Datasheet HTML 9Page - ON Semiconductor AR0141CS Datasheet HTML 10Page - ON Semiconductor AR0141CS Datasheet HTML 11Page - ON Semiconductor AR0141CS Datasheet HTML 12Page - ON Semiconductor AR0141CS Datasheet HTML 13Page - ON Semiconductor AR0141CS Datasheet HTML 14Page - ON Semiconductor AR0141CS Datasheet HTML 15Page - ON Semiconductor AR0141CS Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
12
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Pixel Output Interfaces
Pixel Output Interfaces
Parallel Interface
The parallel pixel data interface uses these output-only signals:
•FRAME_VALID
•LINE_VALID
•PIXCLK
•DOUT[11:0]
The parallel pixel data interface is disabled by default at power up and after reset. It can
be enabled by programming R0x301A. Table 5 shows the recommended settings.
When the parallel pixel data interface is in use, the serial data output signals can be left
unconnected. Set reset_register [bit 12 (R0x301A[12] = 1)] to disable the serializer while
in parallel output mode.
Output Enable Control
When the parallel pixel data interface is enabled, its signals can be switched asynchro-
nously between the driven and High-Z under pin or register control, as shown in Table 4.
Configuration of the Pixel Data Interface
Fields in R0x301A are used to configure the operation of the pixel data interface. The
supported combinations are shown in Table 5.
Table 4:
Output Enable Control
OE_BAR Pin
Drive Pins R0x301A[6]
Description
Disabled
0
Interface High-Z
Disabled
1
Interface driven
1
0
Interface High-Z
X
1
Interface driven
0
X
Interface driven
Table 5:
Configuration of the Pixel Data Interface
Serializer Disable
R0x301 A[12]
Parallel Enable
R0x301 A[7]
Description
0
0
Power up default.
Serial pixel data interface and its clocks are enabled. Transitions to soft standby are
synchronized to the end of frames on the serial pixel data interface.
1
1
Parallel pixel data interface, sensor core data output. Serial pixel data interface and its
clocks disabled to save power. Transitions to soft standby are synchronized to the end of
frames in the parallel pixel data interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com