Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 14 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 14 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 10Page - ON Semiconductor AR0141CS Datasheet HTML 11Page - ON Semiconductor AR0141CS Datasheet HTML 12Page - ON Semiconductor AR0141CS Datasheet HTML 13Page - ON Semiconductor AR0141CS Datasheet HTML 14Page - ON Semiconductor AR0141CS Datasheet HTML 15Page - ON Semiconductor AR0141CS Datasheet HTML 16Page - ON Semiconductor AR0141CS Datasheet HTML 17Page - ON Semiconductor AR0141CS Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
14
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Pixel Output Interfaces
HiSPi Physical Layer
The HiSPi physical layer is partitioned into blocks of four data lanes and an associated
clock lane. Any reference to the PHY in the remainder of this document is referring to
this minimum building block.
The PHY will serialize 12-bit data words and transmit each bit of data centered on a
rising edge of the clock, the second on the falling edge of the clock. Figure 10 shows bit
transmission. In this example, the word is transmitted in order of MSB to LSB. The
receiver latches data at the rising and falling edge of the clock.
Figure 10:
Timing Diagram
DLL Timing Adjustment
The specification includes a DLL to compensate for differences in group delay for each
data lane. The DLL is connected to the clock lane and each data lane, which acts as a
control master for the output delay buffers. Once the DLL has gained phase lock, each
lane can be delayed in 1/8 unit interval (UI) steps. This additional delay allows the user
to increase the setup or hold time at the receiver circuits and can be used to compensate
for skew introduced in PCB design.
Delay compensation may be set for clock and/or data lines in the hispi_timing register
R0x31C0. If the DLL timing adjustment is not required, the data and clock lane delay
settings should be set to a default code of 0x000 to reduce jitter, skew, and power dissipa-
tion.
Figure 11:
Block Diagram of DLL Timing Adjustment
cp
dn
….
….
MSB
LSB
TxPost
dp
cn
1 UI
TxPre
delay
delay
delay
delay
delay
data _lane 0
data _lane 1 clock _lane 0 data _lane 2 data _lane 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com