Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 8 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 4Page - ON Semiconductor AR0141CS Datasheet HTML 5Page - ON Semiconductor AR0141CS Datasheet HTML 6Page - ON Semiconductor AR0141CS Datasheet HTML 7Page - ON Semiconductor AR0141CS Datasheet HTML 8Page - ON Semiconductor AR0141CS Datasheet HTML 9Page - ON Semiconductor AR0141CS Datasheet HTML 10Page - ON Semiconductor AR0141CS Datasheet HTML 11Page - ON Semiconductor AR0141CS Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
8
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
.Functional Overview
DGND
C5, D4, D5, E5, F5, G5,
H5
Power
Digital ground.
VDD
A6, A7, B6, C6, D6
Power
Digital power.
AGND
C7, C8
Power
Analog ground.
SADDR
D1
Input
Two-Wire Serial address select. 0: 0x20. 1: 0x30
SCLK
D2
Input
Two-Wire Serial clock input.
SDATA
D3
I/O
Two-Wire Serial data I/O.
VAA_PIX
D7, D8
Power
Pixel power.
LINE_VALID
E1
Output
Asserted when DOUT line data is valid.
FRAME_VALID
E2
Output
Asserted when DOUT frame data is valid.
PIXCLK
E3
Output
Pixel clock out. DOUT is valid on rising edge of this clock.
VDD_IO
E6, F6, G6, H6, H7
Power
I/O supply power.
DOUT8
F1
Output
Parallel pixel data output.
DOUT9
F2
Output
Parallel pixel data output.
DOUT10
F3
Output
Parallel pixel data output.
DOUT11
F4
Output
Parallel pixel data output (MSB)
TEST
F7
Input.
Manufacturing test enable pin (connect to DGND).
DOUT4
G1
Output
Parallel pixel data output.
DOUT5
G2
Output
Parallel pixel data output.
DOUT6
G3
Output
Parallel pixel data output.
DOUT7
G4
Output
Parallel pixel data output.
TRIGGER
G7
Input
Exposure synchronization input.
OE_BAR
G8
Input
Output enable (active LOW).
DOUT0
H1
Output
Parallel pixel data output (LSB)
DOUT1
H2
Output
Parallel pixel data output.
DOUT2
H3
Output
Parallel pixel data output.
DOUT3
H4
Output
Parallel pixel data output.
RESET_BAR
H8
Input
Asynchronous reset (active LOW). All settings are restored to factory
default.
NC
E8
FLASH
E4
Output
Flash control output.
NC
E7
Reserved
F8
Table 3:
Ball Descriptions, 9 x 9 mm, 63-ball iBGA (continued)
Name
iBGA Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com