Electronic Components Datasheet Search
  English  ▼

X  

AR0141CS Datasheet(PDF) 33 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 33 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 29Page - ON Semiconductor AR0141CS Datasheet HTML 30Page - ON Semiconductor AR0141CS Datasheet HTML 31Page - ON Semiconductor AR0141CS Datasheet HTML 32Page - ON Semiconductor AR0141CS Datasheet HTML 33Page - ON Semiconductor AR0141CS Datasheet HTML 34Page - ON Semiconductor AR0141CS Datasheet HTML 35Page - ON Semiconductor AR0141CS Datasheet HTML 36Page - ON Semiconductor AR0141CS Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
33
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Frame Readout
Figure 30 illustrates how the sensor active readout time can be minimized while
reducing the frame rate. 750 VB rows were added to the output frame to reduce the
1280 x 720 frame rate from 60 fps to 30 fps without increasing the delay between the
readout of the first and last active row.
Figure 30:
Example of the Sensor Output of a 1280 x720 Frame at 30 fps
The frame valid and line valid signals mentioned in this diagram represent internal signals within the sensor.
The SYNC codes represented in this diagram represent the HiSPi Streaming-SP protocol.
Table 14:
Serial SYNC Codes Included with Each Protocol Included with the AR0141CS Sensor
Interface/Protocol
Start of Vertical
Blanking Row (SOV)
Start of Frame
(SOF)
Start of Active Line
(SOL)
End of Line
(EOL)
End of Frame
(EOF)
Parallel
Parallel interface uses FRAME VALID (FV) and LINE VALID (LV) outputs to denote start and end of line and
frame.
HiSPi Streaming-S
Required
Unsupported
Required
Unsupported
Unsupported
HiSPi Streaming-SP
Required
Required
Required
Unsupported
Unsupported
HiSPi Packetized SP
Unsupported
Required
Required
Required
Required
Serial SYNC Codes
VB
(780 Rows)
H B (370 P ixels )
H B (370 P ixels )
Frame Valid
Line Valid
1/30s
1/30s
Active Rows
Vertical Blanking
Time
End of Frame
Readout
Start of Vertical Blanking
Start of Frame
Start of Active Row
End of Line
End of Frame
Row Reset
Row Read
Row Reset
Row Read
1280 x 720
1280 x 720
Row Reset
Row Read
Row Reset
Row Read
End of Frame
Readout
VB
(780 Rows)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com