Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 113 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 113 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 109Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 110Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 111Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 112Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 113Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 114Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 115Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 116Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 117Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
113/154
●TX Sequence
(1) DIO mode
DIO(TX) mode can be selected by setting TXDIO_CTRL[1:0]([DIO_SET: B0 0x0C(5-4)])=0b01 or 0b10. In
DIO mode, when TX_ON is issued, data input on the pin related DIO will be transimitted to the air. After TX
completion, TRX_OFF should be issued.
*3: Timing up to DCLK output varies depending on
TX preamble, SFC, data rate.
*2: preamble/SyncWord is transmitted based on the
following registers.
Preamble
[DATA_SET1: B0 0x07]
[TXPR_LEN_H/L: B0 0x42-43]
SyncWord
[SYNCWORD1_SET0-3: B1 0x27-2A]
[SYNCWORD2_SET0-3: B1 0x2B-2E]
[SYNC_WORD_LEN: B1 0x25]
[DATA_SET2: B0 0x08]
*4: TX data must be input at falling edge of DCLK.
*1 DIO/DCLK pins are defined as follows:
[GPIO0_CTRL: B0 0x4E]
[GPIO1_CTRL: B0 0x4F]
[GPIO2_CTRL: B0 0x50]
[GPIO3_CTRL: B0 0x51]
[EXT_CLK_CTRL: B0 0x52]
[SPI/EXT_PA_CTRL: B0 0x53]
*5: Please refer to RF state transition wait flow.
Preamble/SyncWord setting *2
START
TX_ON issue
[RF_STATUS: B0 0x0B]
END
No
TX completed?*5
Yes
TRX_OFF issue
[RF_STATUS: B0 0x0B]
TX data input *4
(DIO pins)
Yes
Next packet to be transmitted?
No
TXDIO_CTRL setting=0b10
[DIO_SET: B0 0x0C(5-4)]
DIO pins setting *1
DCLK output wait *3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com