Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 115 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 115 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 111Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 112Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 113Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 114Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 115Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 116Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 117Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 118Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 119Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
115/154
(3) FIFO mode (65 byte or more)
The Host must write TX data to the TX_FIFO while checking INT[5] (group1: FIFO-Full interrupt) and
INT[4] (group1: FIFO-Empty interrupt) in order to avoid FIFO-Overrun or FIFO-Underrun. Other operations
are identical to the FIFO mode (less than 64byte). Enabling FAST_TX mode by FAST_TX_EN
([RF_STATUS_CTRL: B0 0x0A(5)] =0b1, TX will start when data amount written to the FIFO exceeds the
bytes+1 in the [TXFIFO_THRL: B0 0x18].
No
Yes
No
No
Yes
●If data written to FIFO exceed THFIFO_THRL[5:0]
([TXFIFO_THRL:B0 0x18(5-0)] +1, TX will start.
●Please refer to RF state transition wait flow.
FIFO-Empty (INT[4])?
[INT_SOURCE_GRP1: B0 0x0D(4)]
FAST_TX mode setting
[RF_STATUS_CTRL: B0 0x0A]
TX FIFO-Full level setting
[TXFIFO_THRH: B0 0x17]
TX FIFO-Empty level setting [TXFIFO_THRL: B0 0x18]
INT[4] clear
[INT_SOURCE_GRP: B0 0x0D]
.Total data amount should be identical
to the Length. Length data is (Length –
CRC size). If TX data written exceed
the Length, after TX completion
interrupt, TX FIFO must be cleared by
issuing TRX_OFF.
Yes
TX FIFO-Empty level
Disable setting
[TX_FIFO_THRL: B0 0x18]
TX FIFO-Empty level
Enable setting
[TX_FIFO_THRL: B0 0x18]
START
Write TX data
[WR_TX_FIFO:B0 0x7C]
Write TX data
[WR_TX_FIFO:B0 0x7C]
TX data request accept
completion (INT[17])?
[INT_SOURCE_GRP3: B0 0x0F(1)]
TX completion (INT[16])?
[INT_SOURCE_GRP3: B0 0x0F(0)]
No
INT[16] and INT[17] clear
[INT_SOURCE_GRP3: B0 0x0F])
Next packet TX ?
Yes
TRX_OFF issue
[RF_STATUS: B0 0x0B]
Write TX data
[WR_TX_FIFO:B0 0x7C]
RX?
No
RX_ON issue
[RF_STATUS: B0 0x0B]
Yes
Set RX_ON after TX completion?
[RF_STATUS_CTRL:B0 0x0A]
Yes
No
Set TRX_OFF/SLEEP after TX?
[RF_STATUS_CTRL:B0 0x0A]
Yes
No
To RF state transition wait
flow
To RF state transition wait flow
To RF state transition wait
and RX flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com