Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 117 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 117 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 113Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 114Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 115Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 116Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 117Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 118Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 119Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 120Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 121Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
117/154
●RX Sequence
(1) DIO mode
DIO mode can be selected by setting RXDIO_CTRL[1:0]([DIO_SET: B0 0x0C(7-6)])=0b10/0b11. Upon
setting DIO mode and issuing RX_ON by [RF_STATUS:B0 0x0B] register, SyncWord detection will be
started.
○DIO output mode 1 operation
When RXDIO_CTRL[1:0]=0b10 setting, after SyncWord pattern detection, RX data will be strored into the
RX_FIFO. RX data stored in the RX_FIFO is output through DIO pins, if setting DIO_START ([DIO_SET: B0
0x0C(0)])=0b1. After RX completion, if more data is to be received, by setting DIO_RX_COMPLETE
([DIO_SET: B0 0x0C(2)]) =0b1 (DIO RX Completion), the next packet will be ready to receive. In case of
TRX_OFF, issuing TRX_OFF by [RF_STATUS:B0 0x0B] register.
*3: Please refer to RF state transition wait flow
*2: Preamble, SyncWord and Error tolerance are set
by following registers.
Preamble
[DATA_SET1: B0 0x07]
[SYNC_CONDITION1-3: B0 0x45-47]
SyncWord [SYNCWORD1_SET0-3: B1 0x27-2A]
[SYNCWORD2_SET0-3: B1 0x2B-2E]
[SYNC_WORD_LEN: B1 0x25]
[DATA_SET2: B0 0x08]
*5 RX data must be transferred to the HOST
at rising edge of DCLK.
*1 DIO/DCLK pins are defined as follows:
[GPIO0_CTRL: B0 0x4E]
[GPIO1_CTRL: B0 0x4F]
[GPIO2_CTRL: B0 0x50]
[GPIO3_CTRL: B0 0x51]
[EXT_CLK_CTRL: B0 0x52]
[SPI/EXT_PA_CTRL: B0 0x53]
Preamble/SyncWord
Error tolerance setting *2
START
RX_ON issue *3
[RF_STATUS: B0 0x0B]
No
RX completed?
Yes
TRX_OFF issue
[RF_STATUS: B0 0x0B]
Read RX data *5
(DIO pins)
Yes
Next packet to be RX?
RXDIO_CTRL setting=0b10
[DIO_SET: B0 0x0C(7-6)]
DIO pins setting *1
DIO_START =0b1
[DIO_SET:0B 0x0C(0)]
No
Yes
SyncWord Detection (INT[13])?
[INT_SOURCE_GRP3: B0 0x0F(5)]
No
To RF state transition wait flow
DIO_RX_COMPLETION=0b1
[DIO_SET: B0 0x0C(2)]
DCLK output?
(DCLK function pin)
No
Yes
Wait *4
*4 Wait time should be more than 1 byte data
receiving period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com