Electronic Components Datasheet Search
  English  ▼

X  

ML7396AB Datasheet(PDF) 108 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 108 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 104Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 105Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 106Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 107Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 108Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 109Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 110Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 111Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 112Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
108/140
●CCA operation
●Normal mode
CCA normal mode will be executed by issueing RX_ON by [RF_STATUS:B0 0x6C] register after setting CCA_EN
([CCA_CNTRL:B0 0x15(4)])=0b1, CCA_IDLE_EN ([CCA_CNTRL:B0 0x15(3)])=0b0 and CCA_LOOP_START
([CCA_CNTRL:B0 0x15(5)])=0b0. Compariing acquired ED average value with CCA threshold value in [CCA_LEVEL:B0
0x13] register and notice the result. After CCA execution, CCA_EN is turned disabled, and RF maintains RX_ON state.
Even if set CCA_EN=0b1 during RX_ON state, CCA can be performed by. However, in this case, 16μs - 32μs (2 cycle of
A/D conversion) WAIT is automatically added as the filter stabilization period before CCA execution. (If CCA_EN=0b1 is
set before issuing RX_ON, WAIT is not added because filter stabilization period is included in RF transition period.)
If bit synchronization is detected during CCA, keep receiving with wider BPF bandwidth for CCA operation. If CCA is
executed after bit synchronization detection, CCA is executed with normal BPF bandwidth.
CCA execution is also possible during diversity search. In this case, after CCA completion diversity search will be resumed
automatically.
START
No
Yes
No
Yes
CCA setting
[CCA_CNTRL:B0 0x15(5-3)]
CCA_LOOP_START=0b0
CCA_EN=0b1
CCA_IDLE_EN=0b0
RX_ON issue
CCA start
[RF_STATUS:B0 0x6C]
CCA completion (INT[08])?
[INT_SOURCE_GRP2:B0 0x25]
Read CCA_RSLT[1:0]
[CCA_CNTRL:B0 0x15(1-0)]
Set CCA_EN=0b1
[CCA_CNTRL:B0 0x15(4)]
Clear INT[08]
[INT_SOURCE_GRP2:B0 0x25]
Stop CCA?
TRX_OFF issue
[RF_STATUS:B0 0x6C]
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com