Electronic Components Datasheet Search
  English  ▼

X  

ML7396AB Datasheet(PDF) 104 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 104 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 101Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 102Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 103Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 104Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 105Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 106Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 107Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 108Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
104/140
●Address Filter
When Address filtering function is enabled, if receiving packet which address field are mismatch, Packet discard completion
interrupt (INT[03] group1) will be generated. At this time, if ADDFIL_NG_SET ([PACKET_MODE_SET:B0 0x45(5)]) =0b0,
aborting packet data immediately after address mismatch detection and CRC error interrupt (INT[20]/[21] group3) is also
generated at the same time. (The details of interrupt notifiaction, please refer to the [Interrupts timing when using
INT_TIM_CTRL] in “Address filtering function”.) After notifying Packet discard completion interrupt and CRC error
interrupt, it is need to clear FIFO by [INT_SOURCE_GRP1:B0 0x24] register or reading out data specified by Lngth field from
the FIFO, in order to store next packet to right FIFO. After that, clearing Packet discard completion interrupt and CRC error
interrupt, and then waiting next packet.
START
RX_ON issue
[RF_STATUS:B0 0x6C]
No
For deteils of process after receiving ACK packet, please refer
[AUTO_ACK_SET:B0 0x55] register description (*4) and
TX mode (Ack receiving with addrsss filter) flowchart.
Address filtering setting
ADDFIL_NG_SET=0b0 (B0 0x45(5))
[ADDFIL_CNTRL:B2 0x60]
[PANID_L/H:B2 0x61,62]
[64ADDR1-8:B2 0x63-6A]
[SHT_ADDR0_L/H:B2 0x6B,6C]
[SHT_ADDR1_L/H:B2 0x6D.6E]
Packet discard completion?
(INT[03])
[INT_SOURCE_GRP1:B0 0x24]
Yes
Read RX data from FIFO
[RD_RX_FIFO:B0 0x7F]
Clear interrupts
INT[18],[20] or INT[19].[21]
[INT_SOURCE_GRP3:B0 0x26]
Next packet RX?
No
END
TRX_OFF issue
[RF_STATUS:B0 0x6C]
Yes
No
RX completion?
(INT[18]/[19])
[INT_SOURCE_GRP3:B0 0x26]
Yes
No
CRC Error?
Confirming FIFO filed which CRC
error occurs.
(INT[20]/[21])
[INT_SOURCE_GRP3:B0 0x26]
Yes
If ADDFIL_NG_SET=0b1,
When Packet discard cpmletion is
generated, PHY reset should be
required.
Clear FIFO which CRC error occurs
[INT_SOURCE_GRP1:B0 0x24 (7 or 6)]
If CRC error interrupt occurs at the
same time, following process is same
as described in the flowchart.
Clear interrupts
INT[03]
[INT_SOURCE_GRP1:B0 0x24]
INT[20] or INT[21]
[INT_SOURCE_GRP3:B0 0x26
[Note]
When executing PHY reset during address filtering
function, any interrupt procedure should be done.
When executing PHY reset, if reading data is remaining in
a FIFO, this data will also be cleard and discarded packet
counter is reset to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com