Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 172 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 172 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 168Page - Dallas Semiconductor DS2155 Datasheet HTML 169Page - Dallas Semiconductor DS2155 Datasheet HTML 170Page - Dallas Semiconductor DS2155 Datasheet HTML 171Page - Dallas Semiconductor DS2155 Datasheet HTML 172Page - Dallas Semiconductor DS2155 Datasheet HTML 173Page - Dallas Semiconductor DS2155 Datasheet HTML 174Page - Dallas Semiconductor DS2155 Datasheet HTML 175Page - Dallas Semiconductor DS2155 Datasheet HTML 176Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 262 page
background image
DS2156
172 of 262
The example in Figure 24-3 shows where the transmission of cells though the transmit interface is
stopped by the ATM, as no PHY is ready to accept cells. Polling continues. Several clock cycles later one
PHY gets ready to accept a cell. During the transmission pause, the UT-DATAx and UT-SOC can go into
high-impedance state as shown. UT-ENB is held in deasserted state. When a PHY is found that is ready to
accept a cell (PHY_N + 3 in this case), the address of this PHY must be applied again to select it. This is
necessary because of the 2-clock polling cycle, where the PHY is detected at the clock edge #15. At this
time, the address of PHY N + 3 is no longer on the bus and therefore must be applied again in the next
clock cycle. PHY N + 3 is selected with clock edge #16.
Figure 24-3. End and Restart of Cell at Transmit Interface
N+1
1F
N
1F
N+3
1F
N+2
1F
N-1
N
1F
N+3
1F
N+3
1F
N-2
1F
N-3
1F
N
P45
P46
P47
P48
H1
H2
H3
H4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
UT-CLK
UT-ADDRx
UT-CLAV
UT-ENB
UT-DATAx
UT-SOC
CELL XMIT TO:
PHY N
PHY N+3
POLLING
POLLING
SELECTION
N+1
N
N+3
N+2
N-1
N+3
N+3
N-2
DETECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com