Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 174 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 174 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 170Page - Dallas Semiconductor DS2155 Datasheet HTML 171Page - Dallas Semiconductor DS2155 Datasheet HTML 172Page - Dallas Semiconductor DS2155 Datasheet HTML 173Page - Dallas Semiconductor DS2155 Datasheet HTML 174Page - Dallas Semiconductor DS2155 Datasheet HTML 175Page - Dallas Semiconductor DS2155 Datasheet HTML 176Page - Dallas Semiconductor DS2155 Datasheet HTML 177Page - Dallas Semiconductor DS2155 Datasheet HTML 178Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 262 page
background image
DS2156
174 of 262
Figure 24-5 shows an example of direct status for the transmit direction. Signals UT-CLAV[3:0] are
associated to PHY port addresses #4, #3, #2, and #1. There is no need for a unique null device, thus “X =
don’t care” represents any address between 0 and 31 on the address lines UT-ADDRx or any data on the
data bus. The polling of PHY ports starts while no cell transfer takes place. The ATM layer has pending
cells for all four PHY ports (one individual queue for each PHY port) but all four PHY ports cannot
accept a cell. With rising clock edge #2, PHY port #1 indicates that it can accept a complete cell
(UT-CLAV0 asserted). The ATM layer detects this at clock edge #3. It selects that PHY port by placing
address #1 on the address lines with rising clock edge #3. PHY port #1 detects this at clock edge #4. At
clock edge #5, PHY port #1 detects UT-ENB asserted, therefore cell transfer for PHY port #1 starts with
rising clock edge #5 (byte H1).
Figure 24-5. Example of Direct Status Indication, Transmit Direction
At clock edge #5, the ATM layer detects a cell available at PHY port #3 (UT-CLAV2 asserted). With
rising clock edge #52, PHY port #1 indicates that it cannot accept an additional cell by deasserting UT-
CLAV0. Thus, at clock edge #57, the ATM layer detects only UT-CLAV2 asserted (UT-CLAV1 and UT-
CLAV3 remain deasserted). The ATM layer deselects PHY port #1 and selects PHY port #3 for cell
transfer with rising clock edge #57 by placing address #3 on the address lines and deasserting UT-ENB.
PHY port #1 and PHY port #3 detect this at clock edge #58. At clock edge #59, PHY port #3 detects
UT-ENB asserted, therefore cell transfer for PHY port #3 starts with rising clock edge #59 (byte H1). For
additional examples, refer to [3].
N-4
1
2
3
4
5
6
53
54
55
56
57
58
UT-CLK
UT-ADDRx
UT-CLAV(1)
UT-ENB
UT-SOC
59
H1
P45 P46
P48
X
P47
UT-DATAx
X
1
X
X = Don't Care
3
X
UT-CLAV(2)
UT-CLAV(3)
UT-CLAV(4)
PORT #1
PORT #2
PORT #3
PORT #4
H2
X
P44
H1
Port #1 Transfer
Port #3
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com