Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 177 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 177 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 173Page - Dallas Semiconductor DS2155 Datasheet HTML 174Page - Dallas Semiconductor DS2155 Datasheet HTML 175Page - Dallas Semiconductor DS2155 Datasheet HTML 176Page - Dallas Semiconductor DS2155 Datasheet HTML 177Page - Dallas Semiconductor DS2155 Datasheet HTML 178Page - Dallas Semiconductor DS2155 Datasheet HTML 179Page - Dallas Semiconductor DS2155 Datasheet HTML 180Page - Dallas Semiconductor DS2155 Datasheet HTML 181Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 262 page
background image
DS2156
177 of 262
The persistence of an out-of-cell delineation (OCD) event is integrated into loss-of-cell delineation
(LCD), based on programmable integration time period (receive LCD integration-period register). If OCD
persists for the programmed time, LCD is declared. LCD is deasserted only when cell delineation persists
in SYNC for the same programmed time. Whenever there is a change in LCD status, namely “into LCD”
or “out of LCD,” an external interrupt is optionally generated by the microprocessor interface based on
the corresponding mask bit U_RCR2.4. The persistence is checked every system clock period divided by
16,383. The default value of receive LCD integration period register provides an integration time of
102ms in E1 mode and 135ms in T1 mode.
If a single-bit header-error correction is enabled, the receiver mode of operation state machine follows the
state machine given in Figure 24-8. Single-bit correction is done only if correction is enabled and the state
machine is in “correction mode” of operation at the start-of-cell transfer. Receiver mode of operation is
valid only when cell delineation is in SYNC state. 8-bit correctable and 12-bit uncorrectable HEC-errored
cell counters are maintained as saturating counters.
Figure 24-8. Header Correction State Machine
No error detected
(no action)
Correction
mode
Detection
mode
Single bit error detected
(correction)
Error detected
(cell discarded)
No error
detected
(no action)
Multi-bit error
detected
(cell discarded)
.
HEC error correction is accomplished based on the receiver mode of operation. In correction mode, only
single-bit errors can be corrected and the receiver switches to detection mode. In detection mode, all cells
with detected header errors are discarded, provided the U_RCR1.3 bit is set = 0. When a header is
examined and found not to be in error, the receiver switches to correction mode. The term “no action” in
Figure 24-8 means no correction is performed and no cell is discarded.
The payload bytes of the cell are optionally descrambled using the self-synchronizing descrambler
polynomial X43 + 1, as given in [4]. The descrambling can be enabled through the U_RCR1.2 bit.
Descrambling is activated if cell delineation is in PRESYNC or SYNC state. The cell header is not
affected by descrambling.
After descrambling and single-bit header-error correction, the cells are written into the receive FIFO as
long as cell delineation is in SYNC and the receive FIFO is not full. Idle and/or unassigned cells can be
optionally filtered by properly programming the receive control register bits. Uncorrectable HEC-errored
cells are normally filtered and are not written into the receive FIFO unless U_RCR1.3 is set. Note that if



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com