| Electronic Components Datasheet Search |
|
DS2155 Datasheet(PDF) 179 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2155 Datasheet(HTML) 179 Page - Dallas Semiconductor |
|
179 / 262 page ![]() DS2156 179 of 262 Figure 24-10 shows a case when, after the end of transmission of a cell from PHY N, no other PHY has a cell available. Therefore, UR-ENB remains asserted as the ATM assumes a cell-available from PHY N. With clock edge #9, it turns out that PHY N also has no cell available, as UR-SOC remains low. The ATM then deasserts UR-ENB while the polling of the PHYs continues. With clock edge #15, PHY N - 3 is found to have a cell for transmission. Thus, address N - 3 is applied and the PHY N - 3 is selected with clock edge #16. Additional receive interface examples are available in [3]. Figure 24-10. End and Restart of Cell Transmission at Receive Interface 24.6.3 UTOPIA Side Receive: Direct Status Mode (Multireceive CLAV) Up to a maximum of four PHY ports can be connected to one ATM layer. For each PHY port, the status signals UR-CLAV and UT-CLAV are permanently available according to UTOPIA Level 1 specification. Status signals and cell transfers are independent of each other. No address information is needed to obtain status information. Address information must be valid only for selecting a PHY port prior to one or multiple cell transfers. With respect to the status signals UR-CLAV and UT-CLAV, this mode of operation corresponds to that of four individual PHY devices according to UTOPIA Level 1. With respect to the cell transfer, this mode of operation corresponds to that as described in this document and [3]. The ATM layer selects a PHY port for cell transfer by placing the desired port on the address lines (UR-ADDRx, UT-ADDRx), while the enable signal (UR-ENB, UT-ENB) is deasserted. All PHY ports only examine the value on the address lines for possible selection when the enable signal is deasserted. In case the ATM suspends transmission for a specific PHY port during a cell transfer, no cells to/from other PHY ports can be transferred during this time. N-3 1F N+1 1F N-1 1F N 1F N+3 N-1 1F N-3 1F N-3 1F N+1 1F N+2 1F N-1 H1 H2 H3 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 UR-CLK UR-ADDRx UR-CLAV UR-ENB UR-DATAx UR-SOC CELL RCV FROM: PHY N PHY N-3 POLLING POLLING SELECTION N-3 N+1 N-1 N N+3 N-3 N-3 N+1 DETECTION P45 P46 P47 P48 P42 P43 P44 XX |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |