Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 181 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 181 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 177Page - Dallas Semiconductor DS2155 Datasheet HTML 178Page - Dallas Semiconductor DS2155 Datasheet HTML 179Page - Dallas Semiconductor DS2155 Datasheet HTML 180Page - Dallas Semiconductor DS2155 Datasheet HTML 181Page - Dallas Semiconductor DS2155 Datasheet HTML 182Page - Dallas Semiconductor DS2155 Datasheet HTML 183Page - Dallas Semiconductor DS2155 Datasheet HTML 184Page - Dallas Semiconductor DS2155 Datasheet HTML 185Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 262 page
background image
DS2156
181 of 262
24.7 Register Definitions
The CCR2 register is used to configure the UTOPIA port address. The upper five bits of the CCR2
register contain the port address 0–31. The lower three bits are used for the backplane clock function. See
Programmable Backplane Clock Synthesizer in Section 30.
Register Name:
CCR2
Register Description:
Common Control Register 2
Register Address:
71h
Bit #
7
6
5
4
3
2
1
0
Name
TRPA4
TRPA3
TRPA2
TRPA1
TRPA0
BPCS1
BPCS0
BPEN
Default
0
0
0
0
0
0
0
0
Bit 0/BPEN. See Section 30 for more information.
Bit 1/BPCS0. See Section 30 for more information.
Bit 2/BPCS1. See Section 30 for more information.
Bits 3 to 7/Transmit and Receive Port Address 0 to 4 (TRPA0 to TRPA4). The 5-bit value in this register is
used to assign the UTOPIA interface 1 of 32 port addresses.
Register Name:
U_TCFR
Register Description:
UTOPIA Transmit Configuration Register
Register Address:
50h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
TPM
TPC
Default
0
0
0
1
0
0
0
0
Bit 0/Transmit Port Configuration (TPC)
0 = T1 mode
1 = E1 mode
Bit 1/Transmit Poll Mode (TPM). Transmit UTOPIA polling mode configuration
0 = multiplexed with 1CLAV mode
1 = direct status
Bits 2 to 7/Unassigned, must be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com