Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 191 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 191 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 187Page - Dallas Semiconductor DS2155 Datasheet HTML 188Page - Dallas Semiconductor DS2155 Datasheet HTML 189Page - Dallas Semiconductor DS2155 Datasheet HTML 190Page - Dallas Semiconductor DS2155 Datasheet HTML 191Page - Dallas Semiconductor DS2155 Datasheet HTML 192Page - Dallas Semiconductor DS2155 Datasheet HTML 193Page - Dallas Semiconductor DS2155 Datasheet HTML 194Page - Dallas Semiconductor DS2155 Datasheet HTML 195Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 262 page
background image
DS2156
191 of 262
Register Name:
U_RCR2
Register Description:
UTOPIA Receive Control Register 2
Register Address:
6Ah
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
LCDIM
RFOIM
—
RPLIM
DLBE
Default
0
0
0
0
0
0
0
0
Bit 0/Diagnostic Loopback Enable (DLBE)
0 = normal operation
1 = diagnostic loopback is enabled. In this loopback, the transmit data and clock is looped back onto the
receive side. Receiver uses transmit data and clock instead of receive data and clock from physical layer
(typically framer).
Bit 1/Receive Physical Layer Interface Mode (RPLIM)
0 = clock + data + frame pulse combination
1 = gapped clock + data combination
Bit 2/Bit must be set = 1 after reset for proper UTOPIA bus mode operation
Bit 3/Receive FIFO Overrun Interrupt Mask (RFOIM)
0 = DS2156 does not generate external interrupt for receive FIFO overrun events
1 = DS2156 generates external interrupt if receive FIFO overrun condition has occurred
Bit 4/LCD Interrupt Mask (LCDIM)
0 = DS2156 does not generate external interrupt for LCD state changes
1 = DS2156 generates external interrupt if LCD state has changed
Bits 5 to 7/Unassigned, must be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com