Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 255 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 255 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 251Page - Dallas Semiconductor DS2155 Datasheet HTML 252Page - Dallas Semiconductor DS2155 Datasheet HTML 253Page - Dallas Semiconductor DS2155 Datasheet HTML 254Page - Dallas Semiconductor DS2155 Datasheet HTML 255Page - Dallas Semiconductor DS2155 Datasheet HTML 256Page - Dallas Semiconductor DS2155 Datasheet HTML 257Page - Dallas Semiconductor DS2155 Datasheet HTML 258Page - Dallas Semiconductor DS2155 Datasheet HTML 259Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 262 page
background image
DS2156
255 of 262
36.3 Receive-Side AC Characteristics
AC CHARACTERISTICS: RECEIVE SIDE
(Figure 36-8, Figure 36-9, and Figure 36-10)
(VDD = 3.3V
±5%, TA = 0°C to +70°C for DS2156L; VDD = 3.3V ±5%, TA = -40°C to +85°C for DS2156LN.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
488 (E1)
RCLKO Period
tLP
648 (T1)
ns
tLH
(Note 1)
200
0.5 tLP
RCLKO Pulse Width
tLL
(Note 1)
200
0.5 tLP
ns
tLH
(Note 2)
150
0.5 tLP
RCLKO Pulse Width
tLL
(Note 2)
150
0.5 tLP
ns
488 (E1)
RCLKI Period
tCP
648 (T1)
ns
tCH
20
0.5 tCP
RCLKI Pulse Width
tCL
20
0.5 tCP
ns
(Note 3)
648
(Note 4)
488
ns
(Note 5)
244
ns
(Note 6)
122
RSYSCLK Period
tSP
(Note 7)
61
tSH
20
0.5 tSP
ns
RSYSCLK Pulse Width
tSL
20
0.5 tSP
ns
RSYNC Setup to RSYSCLK Falling
tSU
20
ns
RSYNC Pulse Width
tPW
50
ns
RPOSI/RNEGI Setup to RCLKI Falling
tSU
20
ns
RPOSI/RNEGI Hold From RCLKI
Falling
tHD
20
ns
RSYSCLK, RCLKI Rise and Fall Times
tR, tF
22
ns
Delay RCLKO to RPOSO, RNEGO Valid
tDD
50
ns
Delay RCLK to RSER, RDATA, RSIG,
RLINK Valid
tD1
50
ns
Delay RCLK to RCHCLK, RSYNC,
RCHBLK, RFSYNC, RLCLK
tD2
50
ns
Delay RSYSCLK to RSER, RSIG Valid
tD3
22
ns
Delay RSYSCLK to RCHCLK,
RCHBLK, RMSYNC, RSYNC
tD4
22
ns
Note 1: Jitter attenuator enabled in the receive path.
Note 2: Jitter attenuator disabled or enabled in the transmit path.
Note 3: RSYSCLK = 1.544MHz
Note 4: RSYSCLK = 2.048MHz
Note 5: RSYSCLK = 4.096MHz
Note 6: RSYSCLK = 8.192MHz
Note 7: RSYSCLK = 16.384MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com