Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 211 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 211 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 207Page - Microchip Technology MCP19124 Datasheet HTML 208Page - Microchip Technology MCP19124 Datasheet HTML 209Page - Microchip Technology MCP19124 Datasheet HTML 210Page - Microchip Technology MCP19124 Datasheet HTML 211Page - Microchip Technology MCP19124 Datasheet HTML 212Page - Microchip Technology MCP19124 Datasheet HTML 213Page - Microchip Technology MCP19124 Datasheet HTML 214Page - Microchip Technology MCP19124 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 211
MCP19124/5
30.0 IN-CIRCUIT SERIAL
PROGRAMMING™ (ICSP™)
ICSP allows customers to manufacture circuit boards
with unprogrammed devices. Programming can be done
after the assembly process, allowing the device to be
programmed with the most recent firmware or a custom
firmware. Five pins are needed for ICSP programming:
•ICSPCLK
•ICSPDAT
•MCLR
•VDD
•AGND
In Program/Verify mode, the Program Memory, User IDs
and the Configuration Words are programmed through
serial communications. The ICSPDAT pin is a
bidirectional I/O used for transferring the serial data and
the ICSPCLK pin is the clock input. The device is placed
into a Program/Verify mode by holding the ICSPDAT and
ICSPCLK pins low, while raising the MCLR pin from VIL to
VIHH.
30.1
Common Programming Interfaces
Connection to a target device is typically done through
an ICSP header. A commonly found connector on
development tools is the RJ-11 in the 6P6C (6-pin, 6-
connector) configuration. Refer to Figure 30-1.
FIGURE 30-1:
ICD RJ-11 STYLE
CONNECTOR INTERFACE
Another connector often found in use with the PICkit™
programmers is a standard 6-pin header with 0.1 inch
spacing. Refer to Figure 30-2.
FIGURE 30-2:
PICkit™ STYLE CONNECTOR INTERFACE
1
2
3
4
5
6
MCLR
AGND
ICSPCLK
VDD
ICSPDAT
NC
Pin Description*
1 = MCLR
2 = VDD Target
3 = VSS (Ground)
4 = ICSPDAT
5 = ICSPCLK
6 = No Connect
Target
PC Board
Bottom Side
The 6-pin header (0.100" spacing) accepts 0.025"
square pins.
1
2
3
4
5
6
Pin Description*
1 = MCLR
2 = VDD Target
3 = AGND
4 = ICSPDAT
5 = ICSPCLK
6 = No Connect
Pin 1 Indicator
* The 6-pin header (0.100" spacing)
accepts 0.025" square pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com