Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 215 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 215 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 211Page - Microchip Technology MCP19124 Datasheet HTML 212Page - Microchip Technology MCP19124 Datasheet HTML 213Page - Microchip Technology MCP19124 Datasheet HTML 214Page - Microchip Technology MCP19124 Datasheet HTML 215Page - Microchip Technology MCP19124 Datasheet HTML 216Page - Microchip Technology MCP19124 Datasheet HTML 217Page - Microchip Technology MCP19124 Datasheet HTML 218Page - Microchip Technology MCP19124 Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 215
MCP19124/5
31.6
MPLAB X SIM Software Simulator
The MPLAB X SIM Software Simulator allows code
development in a PC-hosted environment by simulat-
ing the PIC MCUs and dsPIC DSCs on an instruction
level. On any given instruction, the data areas can be
examined or modified and stimuli can be applied from
a comprehensive stimulus controller. Registers can be
logged to files for further run-time analysis. The trace
buffer and logic analyzer display extend the power of
the simulator to record and track program execution,
actions on I/O, most peripherals and internal registers.
The MPLAB X SIM Software Simulator fully supports
symbolic debugging using the MPLAB XC Compilers,
and the MPASM and MPLAB Assemblers. The soft-
ware simulator offers the flexibility to develop and
debug code outside of the hardware laboratory envi-
ronment, making it an excellent, economical software
development tool.
31.7
MPLAB REAL ICE In-Circuit
Emulator System
The MPLAB REAL ICE In-Circuit Emulator System is
Microchip’s next-generation high-speed emulator for
Microchip Flash DSC and MCU devices. It debugs and
programs all 8, 16 and 32-bit MCU, and DSC devices
with the easy-to-use, powerful graphical user interface of
the MPLAB X IDE.
The emulator is connected to the design engineer’s
PC using a high-speed USB 2.0 interface and is
connected to the target with either a connector
compatible with in-circuit debugger systems (RJ-11)
or with the new high-speed, noise tolerant,
Low-Voltage
Differential
Signal
(LVDS)
interconnection (CAT5).
The emulator is field upgradeable through future firm-
ware downloads in MPLAB X IDE. MPLAB REAL ICE
offers significant advantages over competitive emulators
including full-speed emulation, run-time variable
watches, trace analysis, complex breakpoints, logic
probes, a ruggedized probe interface and long (up to 3
meters) interconnection cables.
31.8
MPLAB ICD 3 In-Circuit Debugger
System
The MPLAB ICD 3 In-Circuit Debugger System is
Microchip’s most cost-effective, high-speed hardware
debugger/programmer for Microchip Flash DSC and
MCU devices. It debugs and programs PIC Flash
microcontrollers and dsPIC DSCs with the powerful yet
easy-to-use graphical user interface of the MPLAB
IDE.
The MPLAB ICD 3 In-Circuit Debugger probe is
connected to the design engineer’s PC using a
high-speed USB 2.0 interface and is connected to the
target with a connector compatible with the MPLAB
ICD 2 or MPLAB REAL ICE systems (RJ-11). MPLAB
ICD 3 supports all MPLAB ICD 2 headers.
31.9
PICkit 3 In-Circuit
Debugger/Programmer
The MPLAB PICkit 3 allows debugging and
programming of PIC and dsPIC Flash microcontrollers
at a most affordable price point using the powerful
graphical user interface of the MPLAB IDE. The
MPLAB PICkit 3 is connected to the design engineer’s
PC using a full-speed USB interface and can be
connected to the target via a Microchip debug (RJ-11)
connector (compatible with MPLAB ICD 3 and MPLAB
REAL ICE). The connector uses two device I/O pins
and the Reset line to implement in-circuit debugging
and In-Circuit Serial Programming™ (ICSP™).
31.10 MPLAB PM3 Device Programmer
The MPLAB PM3 Device Programmer is a universal,
CE compliant device programmer with programmable
voltage verification at VDDMIN and VDDMAX for
maximum reliability. It features a large LCD display
(128 x 64) for menus and error messages, and a
modular, detachable socket assembly to support
various package types. The ICSP cable assembly is
included as a standard item. In Stand-Alone mode, the
MPLAB PM3 Device Programmer can read, verify and
program PIC devices without a PC connection. It can
also set code protection in this mode. The MPLAB PM3
connects to the host PC via an RS-232 or USB cable.
The MPLAB PM3 has high-speed communications and
optimized algorithms for quick programming of large
memory devices, and incorporates an MMC card for file
storage and data applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com