Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 28Page - PMC-Sierra, Inc PM5344 Datasheet HTML 29Page - PMC-Sierra, Inc PM5344 Datasheet HTML 30Page - PMC-Sierra, Inc PM5344 Datasheet HTML 31Page - PMC-Sierra, Inc PM5344 Datasheet HTML 32Page - PMC-Sierra, Inc PM5344 Datasheet HTML 33Page - PMC-Sierra, Inc PM5344 Datasheet HTML 34Page - PMC-Sierra, Inc PM5344 Datasheet HTML 35Page - PMC-Sierra, Inc PM5344 Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
18
Pin Name
Type
Pin
No.
Function
DC1J1V1
Output
86
The DROP bus composite timing signal (DC1J1V1) indicates the frame, payload
and tributary multiframe boundaries on the DROP data bus DD[7:0]. DC1J1V1
pulses high with the DROP bus payload active signal (DPL) set low to mark the first
STS-1 Identification byte or equivalently the STM identification byte (C1).
DC1J1V1 pulses high with DPL set high to mark the path trace byte (J1).
Optionally, the DC1J1V1 signal pulses high on the V1 byte to indicate tributary
multiframe boundaries. DC1J1V1 is updated on the rising edge of DCK.
DDP
Output
84
The DROP bus data parity signal (DDP) indicates the parity of the DROP bus
signals. The DROP data bus (DD[7:0]) is always included in parity calculations.
The internal register bits control the inclusion of the DPL and DC1J1V1 signals in
parity calculation and the sense (odd/even) of the parity. DDP is updated on the
rising edge of DCK.
ACK
Input
110
The ADD bus clock (ACK) provides timing for the ADD bus and the GENERATED
bus interfaces. ACK is nominally a 19.44 MHz or 6.48 MHz, 50% duty cycle clock.
Inputs AD[7:0], APL, AC1J1V1, GFP and GMFP are sampled on the rising edge of
ACK. Outputs GPL, GC1J1V1, and GD[1:0] are updated on the rising edge of
ACK.
AD[7]
AD[6]
AD[5]
AD[4]
AD[3]
AD[2]
AD[1]
AD[0]
Input
111
112
113
114
115
116
117
118
The ADD bus data (AD[7:0]) contains the SONET/SDH transmit payload data. The
transport overhead bytes, including the H1, H2 pointer bytes, are ignored. The
phase relation of the SPE (VC) to the transport frame is determined by the ADD
bus composite timing signal (AC1J1V1). AD[7] is the most significant bit
(corresponding to bit 1 of each serial word, the first bit transmitted). AD[0] is the
least significant bit (corresponding to bit 8 of each serial word, the last bit
transmitted). AD[7:0] is sampled on the rising edge of ACK.
APL
Input
120
The ADD bus payload active signal (APL) indicates when AD[7:0] is carrying a
payload byte. It is set high during path overhead and payload bytes and low during
transport overhead bytes. APL is set high during the H3 byte to indicate a negative
pointer justification event and set low during the byte following H3 to indicate a
positive pointer justification event. APL is sampled on the rising edge of ACK.
AC1J1V1
Input
119
The ADD bus composite timing signal (AC1J1V1) identifies the frame, payload and
tributary multiframe boundaries on the ADD data bus AD[7:0]. AC1J1V1 pulses
high with the ADD bus payload active signal (APL) set low to mark the first STS-1
Identification byte or equivalently the STM identification byte (C1). AC1J1V1
pulses high with APL set high to mark the path trace byte (J1). The AC1J1V1
signal pulses high on the V1 byte to indicate tributary multiframe boundaries.
AC1J1V1 is sampled on the rising edge of ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com