Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 4Page - PMC-Sierra, Inc PM5344 Datasheet HTML 5Page - PMC-Sierra, Inc PM5344 Datasheet HTML 6Page - PMC-Sierra, Inc PM5344 Datasheet HTML 7Page - PMC-Sierra, Inc PM5344 Datasheet HTML 8Page - PMC-Sierra, Inc PM5344 Datasheet HTML 9Page - PMC-Sierra, Inc PM5344 Datasheet HTML 10Page - PMC-Sierra, Inc PM5344 Datasheet HTML 11Page - PMC-Sierra, Inc PM5344 Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
vi
REGISTER 1EH, 5EH, 9EH: RPOP TANDEM CONNECTION IEC COUNT LSB ........................................80
REGISTER 1FH, 5FH, 9FH: RPOP TANDEM CONNECTION IEC COUNT MSB........................................81
REGISTER 24H, 64H, A4H: PMON RECEIVE POSITIVE POINTER JUSTIFICATION COUNT .................82
REGISTER 25H, 65H, A5H: PMON RECEIVE NEGATIVE POINTER JUSTIFICATION COUNT ................83
REGISTER 26H, 66H, A6H: PMON TRANSMIT POSITIVE POINTER JUSTIFICATION COUNT...............84
REGISTER 27H, 67H, A7H: PMON TRANSMIT NEGATIVE POINTER JUSTIFICATION COUNT..............85
REGISTER 28H, 68H, A8H: RTAL CONTROL.............................................................................................86
REGISTER 29H, 69H, A9H: RTAL INTERRUPT STATUS AND DIAGNOSTIC ............................................88
REGISTER 2AH, 6AH, AAH: RTAL ALARM AND DIAGNOSTIC CONTROL...............................................91
REGISTER 30H, 70H, B0H: TPOP CONTROL............................................................................................93
REGISTER 31H, 71H, B1H: TPOP GENERATED BUS CONTROL.............................................................95
REGISTER 32H, 72H, B2H: TPOP SOURCE CONTROL............................................................................97
REGISTER 33H, 73H, B3H: TPOP CURRENT POINTER LSB ...................................................................98
REGISTER 34H, 74H, B4H: TPOP CURRENT POINTER MSB ..................................................................99
REGISTER 35H, 75H, B5H: TPOP PAYLOAD POINTER LSB...................................................................100
REGISTER 36H, 76H, B6H: TPOP PAYLOAD POINTER MSB..................................................................101
REGISTER 37H, 77H, B7H: TPOP PATH TRACE......................................................................................102
REGISTER 38H, 78H, B8H: TPOP PATH SIGNAL LABEL ........................................................................103
REGISTER 39H, 79H, B9H: TPOP PATH STATUS ....................................................................................104
REGISTER 3AH, 7AH, BAH: TPOP PATH USER CHANNEL ....................................................................106
REGISTER 3BH, 7BH, BBH: TPOP PATH GROWTH #1 ...........................................................................107
REGISTER 3CH, 7CH, BCH: TPOP PATH GROWTH #2 ...........................................................................108
REGISTER 3DH, 7DH, BDH: TPOP TANDEM CONNECTION MAINTENANCE .......................................109
REGISTER 3EH: TPOP CONCATENATION LSB.......................................................................................110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com