Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 79Page - PMC-Sierra, Inc PM5344 Datasheet HTML 80Page - PMC-Sierra, Inc PM5344 Datasheet HTML 81Page - PMC-Sierra, Inc PM5344 Datasheet HTML 82Page - PMC-Sierra, Inc PM5344 Datasheet HTML 83Page - PMC-Sierra, Inc PM5344 Datasheet HTML 84Page - PMC-Sierra, Inc PM5344 Datasheet HTML 85Page - PMC-Sierra, Inc PM5344 Datasheet HTML 86Page - PMC-Sierra, Inc PM5344 Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
69
Register 16H, 56H, 96H: RPOP Pointer MSB
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R
CONCAT
X
Bit 3
R
S1
X
Bit 2
R
S0
X
Bit 1
R
PTR9
X
Bit 0
R
PTR8
X
This register reports the upper two bits of the active offset, the SS bits in the
receive pointer.
PTR9 - PTR8:
The PTR9 - PTR8 bits contain the two MSBs of the current pointer value as
derived from the H1 and H2 bytes. Thus, to ensure reading a valid pointer, the
NDFI, NSEI and PSEI bits of the Pointer Interrupt Status register should be
read before and after reading this register to ensure that the pointer value did
not changed during the register read.
S0, S1:
The S0 and S1 bits contain the two S bits received in the last H1 byte.These
bits should be software debounced.
CONCAT:
The CONCAT bit is set high if the H1, H2 pointer byte received matches the
concatenation indication (one of the five NDF_enable patterns in the NDF
field, don't care in the size field, and all-ones in the pointer offset field).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com