Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 7Page - PMC-Sierra, Inc PM5344 Datasheet HTML 8Page - PMC-Sierra, Inc PM5344 Datasheet HTML 9Page - PMC-Sierra, Inc PM5344 Datasheet HTML 10Page - PMC-Sierra, Inc PM5344 Datasheet HTML 11Page - PMC-Sierra, Inc PM5344 Datasheet HTML 12Page - PMC-Sierra, Inc PM5344 Datasheet HTML 13Page - PMC-Sierra, Inc PM5344 Datasheet HTML 14Page - PMC-Sierra, Inc PM5344 Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
ix
FIGURE 24
- STS-1 MODE ADD BUS TIMING....................................................................................159
FIGURE 25
- STS-3 (STM1 - AU3) MODE ADD BUS TIMING.............................................................160
FIGURE 26
- STS-3C (STM1 - AU4) MODE ADD BUS TIMING ..........................................................161
FIGURE 27
- TRANSMIT PATH OVERHEAD INSERTION TIMING......................................................162
FIGURE 28
- TRANSMIT ALARM PORT TIMING ................................................................................163
FIGURE 29
- STS-1 MODE TRANSMIT BUS TIMING .........................................................................164
FIGURE 30
- STS-3 (STM1 - AU3) MODE TRANSMIT BUS TIMING ..................................................165
FIGURE 31
- STS-3C (STM1 - AU4) MODE TRANSMIT BUS TIMING................................................166
FIGURE 32
- STS-1 (SINGLE AU3) RECEIVE ELASTIC STORE BYPASS TIMING ...........................166
FIGURE 33
- STS-3 (STM1 - AU3) RECEIVE ELASTIC STORE BYPASS TIMING.............................167
FIGURE 34
- STS-3C (STM1 - AU4) RECEIVE ELASTIC STORE BYPASS TIMING ..........................167
FIGURE 35
- STS-1 (SINGLE AU3) TRANSMIT ELASTIC STORE BYPASS TIMING .........................168
FIGURE 36
- STS-3 (STM1 - AU3) TRANSMIT ELASTIC STORE BYPASS TIMING ..........................168
FIGURE 37
- STS-3C (STM1 - AU4) TRANSMIT ELASTIC STORE BYPASS TIMING........................169
FIGURE 38
- MICROPROCESSOR INTERFACE READ TIMING (INTEL MODE) ...............................175
FIGURE 39
- MICROPROCESSOR INTERFACE READ TIMING (MOTOROLA MODE) .....................176
FIGURE 40
- MICROPROCESSOR INTERFACE WRITE TIMING (INTEL MODE)..............................178
FIGURE 41
- MICROPROCESSOR INTERFACE WRITE TIMING (MOTOROLA MODE)....................179
FIGURE 42
- RECEIVE LINE INPUT TIMING ......................................................................................182
FIGURE 43
- RECEIVE ALARM OUTPUT TIMING..............................................................................183
FIGURE 44
- RECEIVE OVERHEAD AND ALARM PORT OUTPUT TIMING......................................184
FIGURE 45
- RECEIVE TANDEM CONNECTION INPUT TIMING.......................................................185
FIGURE 46
- DROP BUS INPUT TIMING ............................................................................................185
FIGURE 47
- DROP BUS OUTPUT TIMING ........................................................................................186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com