Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 70 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 70 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 66Page - PMC-Sierra, Inc PM5344 Datasheet HTML 67Page - PMC-Sierra, Inc PM5344 Datasheet HTML 68Page - PMC-Sierra, Inc PM5344 Datasheet HTML 69Page - PMC-Sierra, Inc PM5344 Datasheet HTML 70Page - PMC-Sierra, Inc PM5344 Datasheet HTML 71Page - PMC-Sierra, Inc PM5344 Datasheet HTML 72Page - PMC-Sierra, Inc PM5344 Datasheet HTML 73Page - PMC-Sierra, Inc PM5344 Datasheet HTML 74Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
56
Register 07H: SPTX Master Loopback, ADD Bus Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R/W
LLBEN
0
Bit 3
R/W
DLBEN
0
Bit 2
R/W
ADDUE3
0
Bit 1
R/W
ADDUE2
0
Bit 0
R/W
ADDUE1
0
This register provides control of line and diagnostic loopback of the SPTX.
LLBEN:
When set high, the line loopback enable bit (LLBEN) activates line loopback
in the SPTX. Data from the receive stream propagates to the DROP bus and
replaces the data on the ADD bus. When LLBEN is set low, line loopback is
disabled, data on the ADD bus is transmitted on the transmit stream.
DLBEN:
When set high, the diagnostic loopback enable bit (DLBEN) activates
diagnostic loopback in the SPTX. Data from the ADD bus propagates to the
transmit stream and replaces the data on the receive stream. When DLBEN
is set low, diagnostic loopback is disabled, data on the receive stream is
propagated to the DROP bus.
ADDUEn:
When set high, the ADDUEn bits configure the corresponding STS-1 (AU3)
stream in the ADD bus as unequipped. Payload bytes from that STS-1
stream are overwritten with all-ones. When ADDUEn is set low, the STS-1
stream is equipped and carrying valid data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com