Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 29Page - PMC-Sierra, Inc PM5344 Datasheet HTML 30Page - PMC-Sierra, Inc PM5344 Datasheet HTML 31Page - PMC-Sierra, Inc PM5344 Datasheet HTML 32Page - PMC-Sierra, Inc PM5344 Datasheet HTML 33Page - PMC-Sierra, Inc PM5344 Datasheet HTML 34Page - PMC-Sierra, Inc PM5344 Datasheet HTML 35Page - PMC-Sierra, Inc PM5344 Datasheet HTML 36Page - PMC-Sierra, Inc PM5344 Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
19
Pin Name
Type
Pin
No.
Function
ADP
Input
121
The ADD bus data parity signal (ADP) indicates the parity of the ADD bus signals.
The ADD data bus (AD[7:0]) is always included in parity calculations. Internal
register bits controls the inclusion of the APL and AC1J1V1 signals in parity
calculations and the sense (odd/even) of the parity. ADP is sampled on the rising
edge of ACK.
GFP
Input
109
The active high GENERATED bus reference frame position signal (GFP) indicates
when the first byte of the synchronous payload envelope (SPE byte 1 of STS-1 #1)
is available on the GD[1:0] bus. Note that GFP has a fixed relationship to the
SONET/SDH frame; the start of the SPE is determined by the STS (AU) pointer
and may change relative to GFP. GFP is sampled on the rising edge of ACK.
GMFP
Input
108
The active high GENERATED reference multiframe position signal (GMFP) is used
to align the SONET/SDH tributary multiframe boundary on the GENERATED bus.
GMFP should be brought high for a single ACK period every 9720 ACK cycles, or
multiples thereof. GMFP may be tied low if such synchronization is not required. A
pulse on GMFP realigns the GENERATED bus to be the first of four frames in the
multiframe. I.e., the frame containing the V1 bytes. In STS-1 mode, GMFP is
sampled one ACK cycle after the J1 indication on GC1J1V1. In STS-3/3c modes,
GMFP is sampled three ACK cycles after the J1 indication. GMFP is ignored at
other byte positions. GMFP is sampled on the rising edge of ACK.
GD[1]
GD[0]
Output
106
107
The GENERATED bus data (GD[1:0]) contains cyclical multiframe count carried in
the H4 byte. The sequence is initialized to 'b01 by a high pulse on GMFP, and
increments at the byte following J1. GD[1:0] is updated on the rising edge of ACK.
GPL
Output
104
The GENERATED bus payload active signal (GPL) indicates when GD[1:0] is
carrying a payload byte. GPL distinguishes between payload and transport
overhead timeslots in the GENERATED bus. Since the GENERATED bus is
expected to have fixed timing relationship with the ADD bus, access modules may
use GPL to locate payload timeslots in the ADD bus. GPL is updated on the rising
edge of ACK.
GC1J1V1
Output
105
The GENERATED bus composite timing signal (GC1J1V1) identifies the frame,
payload and tributary multiframe boundaries on the GENERATED data bus
GD[1:0]. GC1J1V1 pulses high with the GENERATED bus payload active signal
(GPL) set low to mark the first STS-1 Identification byte or equivalently the STM
identification byte (C1). GC1J1V1 pulses high with GPL set high to mark the path
trace byte (J1). The GC1J1V1 signal pulses high on the V1 byte to indicate
tributary multiframe boundaries. Since the GENERATED bus is expected to have
fixed timing relationship with the ADD bus, access modules may use GC1J1V1 to
located the frame, payload and tributary multiframe boundaries on the ADD bus.
GC1J1V1 is updated on the rising edge of ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com