Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 13Page - PMC-Sierra, Inc PM5344 Datasheet HTML 14Page - PMC-Sierra, Inc PM5344 Datasheet HTML 15Page - PMC-Sierra, Inc PM5344 Datasheet HTML 16Page - PMC-Sierra, Inc PM5344 Datasheet HTML 17Page - PMC-Sierra, Inc PM5344 Datasheet HTML 18Page - PMC-Sierra, Inc PM5344 Datasheet HTML 19Page - PMC-Sierra, Inc PM5344 Datasheet HTML 20Page - PMC-Sierra, Inc PM5344 Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
3
· Maintains existing pointer value during incoming signal failures in tandem
path terminating mode.
· Maintains the existing tributary multiframe sequence on the H4 byte until a
new phase alignment has been verified.
· Provides a "Telecombus" line side receive interface when path termination is
done by an upstream device.
· Provides a serial alarm port communication of FEBE and path FERF alarms
to the transmit stream in the returning direction.
1.2
The transmitter section:
· Operates in STS-1 (AU3) or STS-3c (AU4) mode.
· Accepts a byte serial multiplex of three STS-1 (AU3) streams or an STS-3c
(AU4) stream, extracts the synchronous payload envelope(s) and inserts the
synchronous payload envelope(s) with a generated pointer into the transmit
system, using pointer processing.
· Supports system side "Telecombus" interfaces by accepting indications of the
location of the STS identification byte (C1), the path trace byte(s) (J1), the
first tributary overhead byte(s) (V1), and all synchronous payload envelope
bytes in the byte serial stream.
· Provides line side "Telecombus" interface on the transmit stream indicating
the location of the STS identification byte (C1), the path trace byte(s) (J1), the
first tributary overhead byte(s) (V1), and all synchronous payload envelope
bytes.
· Accomodates phase and frequency differences between the ADD bus and
the transmit stream via pointer adjustments in the transmit stream.
· Optionally inserts STS path alarm indication signal (AIS).
· Optionally inserts STS path FERF alarm.
· Inserts the path overhead bytes in the three STS-1 (AU3) or single STS-3c
(AU4) stream. The path overhead bytes may be sourced from internal
registers or from bit serial path overhead input streams. Path overhead
insertion may also be disabled.
· Optionally calculates and inserts path BIP-8 error detection codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com