Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 69Page - PMC-Sierra, Inc PM5344 Datasheet HTML 70Page - PMC-Sierra, Inc PM5344 Datasheet HTML 71Page - PMC-Sierra, Inc PM5344 Datasheet HTML 72Page - PMC-Sierra, Inc PM5344 Datasheet HTML 73Page - PMC-Sierra, Inc PM5344 Datasheet HTML 74Page - PMC-Sierra, Inc PM5344 Datasheet HTML 75Page - PMC-Sierra, Inc PM5344 Datasheet HTML 76Page - PMC-Sierra, Inc PM5344 Datasheet HTML 77Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
59
Register 10H, 50H, 90H: RPOP Status and Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R
LOPCON
X
Bit 5
R
LOP
X
Bit 4
R
PAISCON
X
Bit 3
R
PAIS
X
Bit 2
R
PFERF
X
Bit 1
R
NEWPTRI
X
Bit 0
R/W
NEWPTRE
0
This register provides configuration and reports the status of the corresponding
RPOP.
NEWPTRE:
When a 1 is written to the NEWPTRE interrupt enable bit position, the reception
of a new_point indication will activate the interrupt (INT) output.
NEWPTRI:
The NEWPTRI bit is set to logic 1 when a new_point indication is received. This
bit (and the interrupt) are cleared when this register is read.
PFERF:
The path FERF status bit (PFERF) indicates reception of path FERF alarm in
the receive stream.
PAIS:
The path AIS status bit (PAIS) indicates reception of path AIS alarm in the
receive stream.
PAISCON:
The concatenation path AIS status bit (PAISCON) indicates reception of path
AIS alarm in the concatenation indicator in the receive stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com