Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 65Page - PMC-Sierra, Inc PM5344 Datasheet HTML 66Page - PMC-Sierra, Inc PM5344 Datasheet HTML 67Page - PMC-Sierra, Inc PM5344 Datasheet HTML 68Page - PMC-Sierra, Inc PM5344 Datasheet HTML 69Page - PMC-Sierra, Inc PM5344 Datasheet HTML 70Page - PMC-Sierra, Inc PM5344 Datasheet HTML 71Page - PMC-Sierra, Inc PM5344 Datasheet HTML 72Page - PMC-Sierra, Inc PM5344 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
55
Register 06H: SPTX Master Transmit Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
TDIS3
0
Bit 4
R/W
TDIS2
0
Bit 3
R/W
TDIS1
0
Bit 2
R/W
TPTB3EN
0
Bit 1
R/W
TPTB2EN
0
Bit 0
R/W
TPTB1EN
0
This register controls the insertion of path overhead in the transmit stream.
TPTBnEN:
The TPTBnEN bits controls whether the path trace message stored in the
TPTB block is inserted in the transmit stream. When TPTBnEN is set high,
the message in the corresponding transmit path trace buffer (TPTB) is
inserted in the transmit stream. When TPTBnEN is set low, the path trace
message is supplied by the TPOP block or via the corresponding TPOH input.
The TPTBnEN bits must be set low and the serial TPOH stream must be
disable to prevent path trace insertion at intermediate tandem connection
nodes.
TDISn:
The TDISn bits controls the insertion of path overhead bytes in the transmit
stream. When TDIS is set high, the path overhead bytes of the corresponding
transmit stream is sourced from the ADD bus. Serial path overhead insertion
and corruption via the TPOH input is still available. However, setting TPOHEN
high during the B3 byte field corrupts the transmitted byte in an unpredictiable
fashion. All other POH bytes may be modified via the TPOH inputs as
controlled by the TPOP source control register bits and the TPOHEN input
normally. When TDIS is set low, path overhead is processed normally. The
TDISn bits must be set high and the TPOHEN[3:1] inputs set low to disable
path overhead insertion at intermediate tandem connection nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com