Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 63Page - PMC-Sierra, Inc PM5344 Datasheet HTML 64Page - PMC-Sierra, Inc PM5344 Datasheet HTML 65Page - PMC-Sierra, Inc PM5344 Datasheet HTML 66Page - PMC-Sierra, Inc PM5344 Datasheet HTML 67Page - PMC-Sierra, Inc PM5344 Datasheet HTML 68Page - PMC-Sierra, Inc PM5344 Datasheet HTML 69Page - PMC-Sierra, Inc PM5344 Datasheet HTML 70Page - PMC-Sierra, Inc PM5344 Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
53
Register 04H: SPTX Master Interrupt Status #1
Bit
Type
Function
Default
Bit 7
R
DPAIS
X
Bit 6
Unused
X
Bit 5
R
RPOP3I
0
Bit 4
R
RPOP2I
0
Bit 3
R
RPOP1I
0
Bit 2
R
RTAL3I
0
Bit 1
R
RTAL2I
0
Bit 0
R
RTAL1I
0
This register, together with the SPTX Master Interrupt Status #2 register, allow
the source of an active interrupt to be identified down to the block level. Further
register accesses to the block in question are required in order to determine
each specific cause of an active interrupt and to acknowledge each interrupt
source.
RTALnI:
The RTALnI bits are high when an interrupt request is active from the
corresponding RTAL block.
RPOPnI:
The RPOPnI bits are high when an interrupt request is active from the
corresponding RPOP block.
DPAIS:
The DROP bus alarm indiction signal (DPAIS) bit is set high when path AIS is
inserted in the DROP bus. In STS-3 mode, DPAIS is set high when AIS is
inserted in any of the three STS-1 streams
These register bits are not cleared on read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com