Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 51 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 51 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 47Page - PMC-Sierra, Inc PM5344 Datasheet HTML 48Page - PMC-Sierra, Inc PM5344 Datasheet HTML 49Page - PMC-Sierra, Inc PM5344 Datasheet HTML 50Page - PMC-Sierra, Inc PM5344 Datasheet HTML 51Page - PMC-Sierra, Inc PM5344 Datasheet HTML 52Page - PMC-Sierra, Inc PM5344 Datasheet HTML 53Page - PMC-Sierra, Inc PM5344 Datasheet HTML 54Page - PMC-Sierra, Inc PM5344 Datasheet HTML 55Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
37
immediately inserted on detection on ISF and removed on detection of inactive
ISF code.
9.4
Transmit Path Overhead Processor
The Transmit Path Overhead Processor (TPOP) provides transport frame
alignment generation, path overhead insertion, insertion of the synchronous
payload envelope, insertion of path level alarm signals and path BIP-8 (B3)
insertion. Path overhead insertion is disabled at intermediate tandem connection
nodes.
9.4.1 BIP-8 Calculate
The BIP-8 Calculate Block performs a path bit interleaved parity calculation on
the SPE (VC) of the outgoing STS-1 (AU3) or STS-3c (AU4) stream. The fixed
stuff columns in the VC3 format may be optionally excluded from BIP
calculations. The resulting parity byte is inserted in the path BIP-8 (B3) byte
position of the subsequent frame. BIP-8 errors may be continuously inserted
under register control for diagnostic purposes.
9.4.2 FEBE Calculate
The FEBE Calculate Block accumulates far end block errors on a per frame
basis, and inserts the accumulated value (up to maximum value of eight) in the
FEBE bit positions of the path status (G1) byte. The FEBE information is derived
from path BIP-8 errors detected by the Receive Path Overhead Processor,
RPOP. The asynchronous nature of these signals implies that more than eight
FEBE events may be accumulated between transmit G1 bytes. If more than
eight receive Path BIP-8 errors are accumulated between transmit G1 bytes, the
accumulation counter is decremented by eight, and the remaining FEBEs are
transmitted at the next opportunity. Alternatively, path FEBE can be accumulated
from FEBE error counts reported on the transmit alarm port when the local SPTX
is paired with a receive section of a remote SPTX. Far end block errors may be
inserted under register control for diagnostic purposes. Optionally, FEBE
insertion may be disabled and the incoming G1 byte passes through unchanged
to support applications where the received path processing does not reside in
the local SPTX.
9.4.3 Transmit Alarm Port
Received path BIP errors and defect indications (RDI) from Receive Path
Overhead Processors (RPOP) in a remote SPTX is communicated to the local



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com