Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 30Page - PMC-Sierra, Inc PM5344 Datasheet HTML 31Page - PMC-Sierra, Inc PM5344 Datasheet HTML 32Page - PMC-Sierra, Inc PM5344 Datasheet HTML 33Page - PMC-Sierra, Inc PM5344 Datasheet HTML 34Page - PMC-Sierra, Inc PM5344 Datasheet HTML 35Page - PMC-Sierra, Inc PM5344 Datasheet HTML 36Page - PMC-Sierra, Inc PM5344 Datasheet HTML 37Page - PMC-Sierra, Inc PM5344 Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
20
Pin Name
Type
Pin
No.
Function
GDP
Output
99
The GENERATED bus data parity signal (GDP) indicates the parity of the
GENERATED bus signals. The GENERATED data bus (GD[1:0]) is always
included in parity calculations. The internal register bits control the inclusion of the
GPL and GC1J1V1 signals in parity calculation and the sense (odd/even) of the
parity. GDP is updated on the rising edge of ACK.
TCK
Input
19
The transmit reference clock (TCK) provides timing for SPTX transmit functions.
TCK is nominally a 19.44 MHz or 6.48 MHz, 50% duty cycle clock. Frequency
offsets between TCK and ACK are accommodated by pointer justification events on
the transmit data stream. Inputs TFP, TPAIS[3:1] and TPFERF[3:1] are sampled on
the rising edge of TCK. Outputs TD[7:0], TPL, TDP, TC1J1V1 and FPOUT are
updated on the rising edge of TCK, while TPOHCLK[3:1] is updated on the falling
edge of TCK.
TFP
Input
17
The active high transmit reference frame position (TFP) is used to align the
SONET/SDH transport frame generated by the SPTX device to a system
reference. TFP indicates when the first byte of the synchronous payload envelope
(SPE byte 1 of STS-1 #1) is available on the TD[7:0] bus. TFP should be brought
high for a single TCK period every 2430 TCK cycles, or multiples thereof. TFP may
be tied low if such synchronization is not required. TFP is sampled on the rising
edge of TCK.
TD[7]
TD[6]
TD[5]
TD[4]
TD[3]
TD[2]
TD[1]
TD[0]
Output
16
15
12
11
10
9
8
7
The TRANSMIT bus data (TD[7:0]) carries the SONET/SDH frame in byte serial
format. The transport overhead bytes, with the exception of H1, H2 pointer bytes,
are set to zero. The fixed stuff columns in a tributary based SPE (VC) may be
optionally set to zero or NPI. TD[7] is the most significant bit (corresponding to bit
1 of each serial word, the first bit transmitted). TD[0] is the least significant bit
(corresponding to bit 8 of each serial word, the last bit transmitted). TD[7:0] is
updated on the rising edge of TCK.
TPL
Output
3
The TRANSMIT bus payload active signal (TPL) indicates when TD[7:0] is carrying
a payload byte. It is set high during path overhead and payload bytes and low
during transport overhead bytes. TPL is set high during the H3 byte to indicate a
negative pointer justification event and set low during the byte following H3 to
indicate a positive pointer justification event. TPL is updated on the rising edge of
TCK.
TC1J1V1
Output
4
The TRANSMIT bus composite timing signal (TC1J1V1) identifies the frame,
payload and tributary multiframe boundaries on the TRANSMIT data bus TD[7:0].
TC1J1V1 pulses high with the TRANSMIT bus payload active signal (TPL) set low
to mark the first STS-1 Identification byte or equivalently the STM identification
byte (C1). TC1J1V1 pulses high with TPL set high to mark the path trace byte (J1).
The TC1J1V1 signal pulses high on the V1 byte to indicate tributary multiframe
boundaries. TC1J1V1 is updated on the rising edge of TCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com