Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 35Page - PMC-Sierra, Inc PM5344 Datasheet HTML 36Page - PMC-Sierra, Inc PM5344 Datasheet HTML 37Page - PMC-Sierra, Inc PM5344 Datasheet HTML 38Page - PMC-Sierra, Inc PM5344 Datasheet HTML 39Page - PMC-Sierra, Inc PM5344 Datasheet HTML 40Page - PMC-Sierra, Inc PM5344 Datasheet HTML 41Page - PMC-Sierra, Inc PM5344 Datasheet HTML 42Page - PMC-Sierra, Inc PM5344 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
25
9
FUNCTIONAL DESCRIPTION
9.1
Receive Path Overhead Processor
The Receive Path Overhead Processor (RPOP) provides pointer interpretation,
extraction of path overhead, extraction of the synchronous payload envelope
(virtual container), and path level alarm and performance monitoring. In tandem
path origination mode, RPOP generates an IEC based on its received path BIP-8
errors and inserts the tandem path data link. In tandem path termination mode,
RPOP accumulates incoming error counts (IEC) and extracts the tandem
connection data link. Optionally, the RPOP will overwrite the fixed stuff columns
in a tributary mapped SPE (VC) with zeros or null pointer indications in the NPI
bytes.
Diagnostic loopback of the SPTX can be enabled to connect the RPOP receive
data stream to the TRANSMIT bus interface of the Transmit Telecombus Aligner
block.
9.1.1 Pointer Interpreter
The Pointer Interpreter Block interprets the incoming pointer (H1, H2) as
specified in the references. The pointer value is used to determine the location of
the path overhead (the J1 byte) in the incoming STS-3c (AU4) or STS-1 (AU3)
stream. The algorithm can be modelled by a finite state machine. Within the
pointer interpretation algorithm three states are defined (as shown in Figure 3):
NORM_state (NORM)
AIS_state (AIS)
LOP_state (LOP)
The transition between states will be consecutive events (indications), e.g., three
consecutive AIS indications to go from the NORM_state to the AIS_state. The
kind and number of consecutive indications activating a transition is chosen such
that the behaviour is stable and insensitive to low BER. The only transition on a
single event is the one from the AIS_state to the NORM_state after receiving a
NDF enabled with a valid pointer value. It should be noted that, since the
algorithm only contains transitions based on consecutive indications, this implies
that, for example, non-consecutively received invalid indications do not activate
the transitions to the LOP_state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com