Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 49Page - PMC-Sierra, Inc PM5344 Datasheet HTML 50Page - PMC-Sierra, Inc PM5344 Datasheet HTML 51Page - PMC-Sierra, Inc PM5344 Datasheet HTML 52Page - PMC-Sierra, Inc PM5344 Datasheet HTML 53Page - PMC-Sierra, Inc PM5344 Datasheet HTML 54Page - PMC-Sierra, Inc PM5344 Datasheet HTML 55Page - PMC-Sierra, Inc PM5344 Datasheet HTML 56Page - PMC-Sierra, Inc PM5344 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
39
pulse marking the J1 byte from the pulse marking the C1 byte. The relative
position of the pulses may be changed by:
1. Discontinuous STS (AU) pointer offsets may be generated by accessing
internal SPTX registers If a valid value (i.e., 0 • pointer value • 782) is written
to the appropriated SPTX register, the GC1J1V1 pulse indicating J1 will
immediately jump to the corresponding byte position. If a value greater than
782 is transferred, the J1 indication pulse remains in its present byte position.
2. Positive pointer movements may be generated by accessing internal SPTX
registers. The GPL signal is set low during the positive stuff opportunity byte
position, and the GC1J1V1 pulse indicating J1 will be delayed one byte
position. Positive pointer movements may be inserted once per frame.
3. Negative pointer movements may be generated by accessing internal SPTX
registers. The GPL signal is set high during the negative stuff opportunity
byte position (H3), and the GC1J1V1 pulse indicating J1 will be advanced
one byte position. Negative pointer movements may be inserted once per
frame.
The GENERATED Bus Controller block can be configured to ensure that no
positive or negative stuffs occur within three frames of the last pointer event .
Discontinuous pointer offset events can still occur in any frame. Positive and
negative pointer justifications are provided primarily for diagnostic purposes.
9.5
Transmit Telecombus Aligner
The Transmit Telecombus Aligner (TTAL) block takes the STS-1 SPE (VC3) data
from the ADD bus and aligns it to the frame of the transmit stream. In an STS-3c
(AU4) system, the first STS-1 (first third of VC4) in the stream is processed by an
TTAL in master mode controlling two TTALs in slave mode. The alignment is
accomplished by recalculating the STS (AU) payload pointer value based on the
offset between the transport overhead of the ADD bus and the transmit stream.
Frequency offsets (e.g., due to plesiochronous network boundaries, or the loss of
a primary reference timing source) and phase differences (due to normal network
operation) between the ADD and the transmit stream are accommodated by
pointer adjustments in the transmit stream.
The TTAL may optionally insert the tributary multiframe sequence and clear the
fixed stuff columns. The tributary multiframe sequence is a four byte pattern
('hFC, 'hFD, 'hFE, 'hFF) applied to the H4 byte. The H4 byte of the frame
containing the tributary V1 bytes is set to 'hFD. The fixed stuff columns of a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com