Electronic Components Datasheet Search
  English  ▼

X  

PM5344 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM5344
Description  SONET/SDH PATH TERMINATING TRANSCEIVER TELECOM
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5344 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM5344 Datasheet HTML 67Page - PMC-Sierra, Inc PM5344 Datasheet HTML 68Page - PMC-Sierra, Inc PM5344 Datasheet HTML 69Page - PMC-Sierra, Inc PM5344 Datasheet HTML 70Page - PMC-Sierra, Inc PM5344 Datasheet HTML 71Page - PMC-Sierra, Inc PM5344 Datasheet HTML 72Page - PMC-Sierra, Inc PM5344 Datasheet HTML 73Page - PMC-Sierra, Inc PM5344 Datasheet HTML 74Page - PMC-Sierra, Inc PM5344 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 212 page
background image
PM5344 SPTX
DATA SHEET
PMC-930531
ISSUE 6
SONET/SDH PATH TERMINATING TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
57
Register 08H: SPTX Master Signal Activity Monitor, Accumulation Trigger
Bit
Type
Function
Default
Bit 7
R
PINA
X
Bit 6
R
IFPA/RCA
X
Bit 5
R
ADA
X
Bit 4
R
ACA
X
Bit 3
R
TCKA
X
Bit 2
R
PICLKA
X
Bit 1
R
DCKA
X
Bit 0
R
ACKA
X
This register provides activity monitoring on major SPTX inputs. When a
monitored input makes a low to high transition, the corresponding register bit is
set high. The bit will remain high until this register is read, at which point, all the
bits in this register are cleared. A lack of transitions is indicated by the
corresponding register bit reading low. This register should be read periodically
to detect stuck at conditions.
Writing to this register delimits accumulation intervals in the PMON and RPOP
accumulation registers. Counts accumulated in those registers are transferred to
holding registers where they can be read. The counters themselves are then
cleared to begin accumulating the associated events for the new accumulation
interval. The bits in this register are not affected by write accesses.
ACKA:
The ACK active (ACKA) bit monitors for low to high transitions on the ACK
input. ACKA is set high on a rising edge of ACK, and is set low when this
register is read.
DCKA:
The DCK active (DCKA) bit monitors for low to high transitions on the DCK
input. DCKA is set high on a rising edge of DCK, and is set low when this
register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com