Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 29Page - PMC-Sierra, Inc PM5345 Datasheet HTML 30Page - PMC-Sierra, Inc PM5345 Datasheet HTML 31Page - PMC-Sierra, Inc PM5345 Datasheet HTML 32Page - PMC-Sierra, Inc PM5345 Datasheet HTML 33Page - PMC-Sierra, Inc PM5345 Datasheet HTML 34Page - PMC-Sierra, Inc PM5345 Datasheet HTML 35Page - PMC-Sierra, Inc PM5345 Datasheet HTML 36Page - PMC-Sierra, Inc PM5345 Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
19
Pin Name
Type
Pin
No.
Function
RCLK
Output
156
The receive clock (RCLK) output provides a
timing reference for S/UNI receive outputs.
RCLK is a 19.44 MHz, nominally 50% duty
cycle clock. RCLK is a buffered version of
PICLK when the byte serial interface is
selected (RSER is tied low). RCLK is a divide
by eight of RXC+/- when the bit serial interface
is selected (RSER is tied high).
TSER
Input
26
The transmit serial input (TSER) selects the
transmit line interface. TSER is tied high to
select the 155.52 Mbit/s interface (on pins
TXCI+, TXCI-, TXCO+, TXCO-, TXD+, and
TXD-). TSER is tied low to select the 19.44
Mbyte/s interface (on pins TCLK, FPOUT, and
POUT[7:0]).
TXD+
TXD-
Output
22
23
The transmit differential data/positive pulse
outputs (TXD+, TXD-) contain either NRZ or
MLT-3 encoded data when the bit serial
interface is selected (TSER is tied high).
When NRZ encoding is selected (FPOS/MLT is
tied low), the 155.52 Mbit/s transmit STS-3c
(STM-1) stream TXD+/- is updated on the
falling edge of TXCO+/-.
When MLT-3 encoding is selected (FPOS/MLT
is tied high), the TXD+/- outputs contain the
positive pulses of the MLT-3 encoded stream.
TXCI+
TXCI-
Input
14
13
The transmit differential clock inputs (TXCI+,
TXCI-) contain the transmit clock when the bit
transmit serial interface is selected. TXCI+/- is
nominally a 155.52 MHz, 50% duty cycle clock.
This clock provides timing for the S/UNI
transmit functions. TXCI+/- may be left
unconnected when S/UNI loop timing is
enabled (using the S/UNI Master Control
Register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com