Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 3Page - PMC-Sierra, Inc PM5345 Datasheet HTML 4Page - PMC-Sierra, Inc PM5345 Datasheet HTML 5Page - PMC-Sierra, Inc PM5345 Datasheet HTML 6Page - PMC-Sierra, Inc PM5345 Datasheet HTML 7Page - PMC-Sierra, Inc PM5345 Datasheet HTML 8Page - PMC-Sierra, Inc PM5345 Datasheet HTML 9Page - PMC-Sierra, Inc PM5345 Datasheet HTML 10Page - PMC-Sierra, Inc PM5345 Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
v
LIST OF REGISTERS
REGISTER 0X00: S/UNI MASTER RESET AND IDENTITY............................... 1
REGISTER 0X01: S/UNI MASTER CONFIGURATION ....................................... 1
REGISTER 0X02: S/UNI MASTER INTERRUPT STATUS .................................. 1
REGISTER 0X04: S/UNI MASTER CLOCK MONITOR ...................................... 1
REGISTER 0X05: S/UNI MASTER CONTROL ................................................... 1
REGISTER 0X10: RSOP CONTROL/INTERRUPT ENABLE.............................. 1
REGISTER 0X11: RSOP STATUS/INTERRUPT STATUS ................................... 1
REGISTER 0X12: RSOP SECTION BIP-8 LSB .................................................. 1
REGISTER 0X13: RSOP SECTION BIP-8 MSB ................................................. 1
REGISTER 0X14: TSOP CONTROL ................................................................... 1
REGISTER 0X15: TSOP DIAGNOSTIC .............................................................. 1
REGISTER 0X18: RLOP CONTROL/STATUS..................................................... 1
REGISTER 0X19: RLOP INTERRUPT ENABLE/INTERRUPT STATUS ............. 1
REGISTER 0X1A: RLOP LINE BIP-24 LSB ........................................................ 1
REGISTER 0X1B: RLOP LINE BIP-24................................................................ 1
REGISTER 0X1C: RLOP LINE BIP-24 MSB....................................................... 1
REGISTER 0X1D: RLOP LINE FEBE LSB ......................................................... 1
REGISTER 0X1E: RLOP LINE FEBE ................................................................. 1
REGISTER 0X1F: RLOP LINE FEBE MSB......................................................... 1
REGISTER 0X20: TLOP CONTROL ................................................................... 1
REGISTER 0X21: TLOP DIAGNOSTIC .............................................................. 1
REGISTER 0X30: RPOP STATUS/CONTROL .................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com