Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 37Page - PMC-Sierra, Inc PM5345 Datasheet HTML 38Page - PMC-Sierra, Inc PM5345 Datasheet HTML 39Page - PMC-Sierra, Inc PM5345 Datasheet HTML 40Page - PMC-Sierra, Inc PM5345 Datasheet HTML 41Page - PMC-Sierra, Inc PM5345 Datasheet HTML 42Page - PMC-Sierra, Inc PM5345 Datasheet HTML 43Page - PMC-Sierra, Inc PM5345 Datasheet HTML 44Page - PMC-Sierra, Inc PM5345 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
27
Pin Name
Type
Pin
No.
Function
TCLK
I/O
7
The transmit clock (TCLK) provides timing for
S/UNI transmit function operation when the
byte serial interface is selected (TSER is tied
low). TCLK must be a 19.44 MHz, nominally
50% duty cycle clock. POCLK is a buffered
version of TCLK when byte serial interface is
selected.
When the 155 Mbit/s serial interface is
selected (TSER is tied high), TCLK becomes
an output and should not be driven.
TX_VCLK
The test vector clock (TX_VCLK) signal is used
during S/UNI production testing to verify
internal functionality.
TFP
Input
27
The active high transmit frame pulse (TFP)
signal is used to align the SONET/SDH
transport frame generated by the S/UNI device
to a system reference when the byte serial
interface is selected (TSER is low). TFP
should be brought high for a single TCLK
period every 2430 TCLK cycles or a multiple
thereof. TFP may be tied low if such
synchronization is not required. The offset
between an active TFP input and the resultant
FPOUT pulse is 24 TCLK periods. TFP is
sampled on the rising edge of TCLK.
TWRB
Input
58
The transmit write strobe (TWRB) is used to
write ATM cells to the four cell transmit FIFO.
When active, TWRB cycles at a 25 MHz or
lower instantaneous rate. A complete 53 octet
cell must be written to the FIFO before being
inserted in the STS-3c (STM-1) SPE.
Idle/unassigned cells are inserted when a
complete cell is not available. TDAT[15:0] and
TSOC are sampled on the rising edge of
TWRB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com