Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 49Page - PMC-Sierra, Inc PM5345 Datasheet HTML 50Page - PMC-Sierra, Inc PM5345 Datasheet HTML 51Page - PMC-Sierra, Inc PM5345 Datasheet HTML 52Page - PMC-Sierra, Inc PM5345 Datasheet HTML 53Page - PMC-Sierra, Inc PM5345 Datasheet HTML 54Page - PMC-Sierra, Inc PM5345 Datasheet HTML 55Page - PMC-Sierra, Inc PM5345 Datasheet HTML 56Page - PMC-Sierra, Inc PM5345 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
39
10
FUNCTIONAL DESCRIPTION
10.1
Serial to Parallel Converter
The Serial to Parallel Converter (SIPO) converts the received 155.52 Mbit/s
SONET stream to a 19.44 Mbyte/s stream. The SIPO searches for the
SONET/SDH framing pattern (A1, A2 ) in the incoming stream, and performs
serial to parallel conversion on octet boundaries.
10.2
Receive Section Overhead Processor
The Receive Section Overhead Processor (RSOP) provides frame
synchronization, descrambling, section level alarm and performance monitoring.
10.2.1 Framer
The Framer Block determines the in-frame/out-of-frame status of the STS-3c
data stream. Output OOF reflects this status, and is updated with timing aligned
to RCLK.
While in-frame, the framing bytes (A1, A2) in each frame are compared against
the expected pattern. Out-of-frame is declared when four consecutive frames
containing one or more framing pattern errors have been received.
While out-of-frame, upstream circuitry (the SIPO block or an external serial to
parallel converter depending on the interface selected using the RSER input)
monitors the bit serial STS-3c data stream for an occurrence of the framing
pattern. A high level on input FPIN (when the byte serial interface is selected)
reinitializes the channel counter to the new frame alignment. The Framer Block
verifies that an error free framing pattern is present in the next frame before
declaring in-frame.
10.2.2 Descramble
The Descramble Block utilizes a frame synchronous descrambler to process the
received byte serial stream. The generating polynomial is 1 + x6 + x7 and the
sequence length is 127. Details of the descrambling operation are provided in
the references. Note that the framing bytes (A1 and A2) and the identity bytes
(C1) are not descrambled. A register bit is provided to disable the descrambling
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com