Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 70 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 70 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 66Page - PMC-Sierra, Inc PM5345 Datasheet HTML 67Page - PMC-Sierra, Inc PM5345 Datasheet HTML 68Page - PMC-Sierra, Inc PM5345 Datasheet HTML 69Page - PMC-Sierra, Inc PM5345 Datasheet HTML 70Page - PMC-Sierra, Inc PM5345 Datasheet HTML 71Page - PMC-Sierra, Inc PM5345 Datasheet HTML 72Page - PMC-Sierra, Inc PM5345 Datasheet HTML 73Page - PMC-Sierra, Inc PM5345 Datasheet HTML 74Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
56
being read out of the transmit FIFO when the flushing event occurs. The flushing
event corrupts this cell, and the corrupted cell continues to be read out and is
inserted in the transmit stream. Any or all of the bytes may be corrupted in this
transmitted cell. Note that the HCS calculation occurs after the cell is corrupted,
and the result is that a corrupted cell with a valid HCS may be inserted in the
transmit stream.
FIFO overruns are indicated through a maskable interrupt and register bits. The
synchronous interface provided to an external device expects the start of a cell
(TSOC) when the first word of the selected data structure is written to the FIFO
(using TWRB). The asynchronous interface provided to an external device
indicates the cell available status (TCA). The FIFO status changes from cell
unavailable to cell available on read cell boundaries with timing derived from the
transmit line clock (POCLK). The FIFO status changes from cell available to cell
unavailable on write cell boundaries with timing aligned to the transmit write clock
(TWRB).
10.15 Line Side Interface
A 19.44 Mbyte/s TTL-compatible receive and transmit line side interface is
provided. The bit serial or byte serial line interface selection is done using the
TSER and RSER inputs.
10.15.1
Receive Interface
The low speed receive interface is a generic byte wide interface for
interconnection with an upstream serial to parallel converter, or with an upstream
byte interleaved demultiplexer.
When operating with the serial to parallel converter, the device is expected to
provide data that is demultiplexed according to SONET/SDH byte boundaries
along with a 19.44 MHz clock. In addition, the upstream serial to parallel
converter is expected to provide a framing pattern detector that performs part of
the framing function. The serial to parallel converter need not perform
descrambling as this is provided by the S/UNI. When enabled to search for
frame alignment by the S/UNI OOF output being high, the upstream device
should realign to any occurrence of the SONET/SDH framing pattern, and
provide an appropriate pulse on the S/UNI FPIN input. The upstream device
should ignore framing patterns and retain its byte alignment when the S/UNI
OOF output is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com