Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 82 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 82 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 78Page - PMC-Sierra, Inc PM5345 Datasheet HTML 79Page - PMC-Sierra, Inc PM5345 Datasheet HTML 80Page - PMC-Sierra, Inc PM5345 Datasheet HTML 81Page - PMC-Sierra, Inc PM5345 Datasheet HTML 82Page - PMC-Sierra, Inc PM5345 Datasheet HTML 83Page - PMC-Sierra, Inc PM5345 Datasheet HTML 84Page - PMC-Sierra, Inc PM5345 Datasheet HTML 85Page - PMC-Sierra, Inc PM5345 Datasheet HTML 86Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
68
Register 0x04: S/UNI Master Clock Monitor
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R
RCLKA
X
Bit 0
R
POCLKA
X
This register provides activity monitoring on S/UNI clock inputs. When a
monitored input makes a low to high transition, the corresponding register bit is
set high. The bit will remain high until this register is read, at which point, all the
bits in this register are cleared. A lack of transitions is indicated by the
corresponding register bit reading low. This register should be read at periodic
intervals to detect clock failures. Depending on the selected interface (bit serial
or byte serial), this register monitors activity on the PICLK and TCLK inputs, or
the RXC+/- and TXCI+/- inputs.
POCLKA:
The POCLK active (POCLKA) bit monitors for low to high transitions on the
POCLK output. POCLKA is set high on a rising edge of POCLK, and is set
low when this register is read.
RCLKA:
The RCLK active (RCLKA) bit monitors for low to high transitions on the
RCLK output. RCLKA is set high on a rising edge of RCLK, and is set low
when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com