Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 79Page - PMC-Sierra, Inc PM5345 Datasheet HTML 80Page - PMC-Sierra, Inc PM5345 Datasheet HTML 81Page - PMC-Sierra, Inc PM5345 Datasheet HTML 82Page - PMC-Sierra, Inc PM5345 Datasheet HTML 83Page - PMC-Sierra, Inc PM5345 Datasheet HTML 84Page - PMC-Sierra, Inc PM5345 Datasheet HTML 85Page - PMC-Sierra, Inc PM5345 Datasheet HTML 86Page - PMC-Sierra, Inc PM5345 Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
69
Register 0x05: S/UNI Master Control
Bit
Type
Function
Default
Bit 7
R/W
PFERFE
0
Bit 6
R
PFERFV
X
Bit 5
R/W
TPFERF
0
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
LLE
0
Bit 1
R/W
DLE
0
Bit 0
R/W
LOOPT
0
This register controls the timing and high speed loopback features of the S/UNI.
LOOPT:
The LOOPT bit selects the source of timing for the transmit section of the
S/UNI. Loop time operation should only be activated while the bit serial
interface is selected. When LOOPT is a logic zero, the transmitter timing is
derived from inputs TXCI+ and TXCI- when the bit serial interface is selected
(TSER is tied high), or from the TCLK input when the byte serial interface is
selected (TSER is tied low).
When LOOPT is a logic one, and the bit serial interface is selected (TSER
and RSER are both tied high), the transmitter timing is derived from the
receiver, inputs RXCI+ and RXCI-. Loop timed operation is not supported
when the byte serial interface is selected (TSER and RSER are both tied
low). For byte serial operation, loop time operation should be performed in the
bit serial PMD.
DLE:
The DLE bit enables the S/UNI diagnostic loopback. Diagnostic loopback
may only be activated while the bit serial interface is selected. When DLE is a
logic one, the transmit STS-3c stream is connected to the receive stream.
The diagnostic loopback may be performed only when the bit serial interfaces
are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com