Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 65Page - PMC-Sierra, Inc PM5345 Datasheet HTML 66Page - PMC-Sierra, Inc PM5345 Datasheet HTML 67Page - PMC-Sierra, Inc PM5345 Datasheet HTML 68Page - PMC-Sierra, Inc PM5345 Datasheet HTML 69Page - PMC-Sierra, Inc PM5345 Datasheet HTML 70Page - PMC-Sierra, Inc PM5345 Datasheet HTML 71Page - PMC-Sierra, Inc PM5345 Datasheet HTML 72Page - PMC-Sierra, Inc PM5345 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
55
10.14.1
Idle/Unassigned Cell Generator
The Idle/Unassigned Cell Generator inserts idle or unassigned cells into the cell
stream when enabled. Registers are provided to program the GFC, PTI, and
CLP fields of the idle cell header and the idle cell payload. The idle cell HCS is
automatically calculated and inserted.
10.14.2
Scrambler
The Scrambler scrambles the 48 octet information field. Scrambling is performed
using a parallel implementation of the self synchronous scrambler described in
the references. The cell headers are transmitted unscrambled, and the
scrambler may optionally be completely disabled.
10.14.3
HCS Generator
The HCS Generator performs a CRC-8 calculation over the first four header
octets. A parallel implementation of the polynomial, x8+x2+x+1 is used. The
coset polynomial, x6+x4+x2+1 is added (modulo 2) to the residue. The HCS
Generator optionally inserts the result into the fifth octet of the header.
10.14.4
Transmit FIFO
The Transmit FIFO provides FIFO management and the asynchronous interface
between the S/UNI device and the external environment. The transmit FIFO can
accommodate four cells. It provides for the separation of the STS-3c line or
physical layer timing from the ATM layer timing.
The FIFO supports two data structures. The first data structure consists of 27
16-bit words comprising the 5 octet cell header and the 48 octet payload (the
HCS byte, along with the header error insertion control, is passed in this
structure). Note that the header error insertion control allows the programmable
insertion of one or more bit errors in the HCS octet. The second data structure
consists of 53 8-bit words, comprising the 5 octet cell header, and the 48 octet
payload.
Management functions include filling the transmit FIFO, indicating when cells are
available to be written to the transmit FIFO, maintaining the transmit FIFO read
and write pointers, and detecting a FIFO overrun condition.
Upon detection of an overrun condition, the FIFO is automatically reset. The four
cells contained in the overrun FIFO are flushed. Typically, one of the four cells is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com