Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 41Page - PMC-Sierra, Inc PM5345 Datasheet HTML 42Page - PMC-Sierra, Inc PM5345 Datasheet HTML 43Page - PMC-Sierra, Inc PM5345 Datasheet HTML 44Page - PMC-Sierra, Inc PM5345 Datasheet HTML 45Page - PMC-Sierra, Inc PM5345 Datasheet HTML 46Page - PMC-Sierra, Inc PM5345 Datasheet HTML 47Page - PMC-Sierra, Inc PM5345 Datasheet HTML 48Page - PMC-Sierra, Inc PM5345 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
31
Pin Name
Type
Pin
No.
Function
TTOHEN
Input
49
The transmit transport overhead insert enable
(TTOHEN) signal, together with internal
register bits, controls the source of the
transport overhead data which is transmitted.
While TTOHEN is high, values sampled on the
TTOH input are inserted into the
corresponding transport overhead bit position
(for the A1, A2, C1, E1, F1, D1-D3, K1, K2,
H3, D4-D12, Z1, Z2, and E2 bytes). While
TTOHEN is low, default values are inserted
into these transport overhead bit positions. A
high level on TTOHEN during the B1, B2 or
H1-H2 bit positions enables an error mask.
While the error mask is enabled, a high level
on input TTOH causes the corresponding B1,
B2 or H1-H2 bit position to be inverted. A low
level on TTOH allows the corresponding bit
position to pass through the S/UNI
uncorrupted. TTOHEN is sampled on the
rising edge of TTOHCLK.
TTOHCLK
Output
53
The transmit transport overhead clock
(TTOHCLK) is nominally a 5.184 MHz clock
which provides timing for upstream circuitry
that sources the transport overhead stream,
TTOH. TTOHCLK is a gapped 6.48 MHz clock.
TTOHCLK is updated in the falling edge of
POCLK.
TTOHFP
Output
52
The transmit transport overhead frame position
(TTOHFP) signal may be used to locate the
individual transport overhead bits in the
transport overhead data stream, TTOH.
TTOHFP is logic one while bit 1 (the most
significant bit) of the first framing byte (A1) is
expected in the TTOH stream. TTOHFP is
updated on the falling edge of TTOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com